| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TN8044AH-R0117 bảng dữ liệu(PDF) 29 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TN8044AH-R0117 bảng dữ liệu(HTML) 29 Page - InnovASIC, Inc |
|
29 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 29 of 65 1-888-824-4184 ® Bit [2]—IT1→ (TCON.2) Interrupt 1 type control bit. Selects falling edge or low level on input pin to cause interrupt. Bit [1]—IE0→ (TCON.1) Interrupt 0 edge flag. Set by hardware, when falling edge on external pin INT1 is observed. Cleared when interrupt is processed. Bit [0]—IT0→ (TCON.0) Interrupt 0 type control bit. Selects falling edge or low level on input pin to cause interrupt. 4.7.8 Timer 0 High Byte (TH0) Table 18 presents the high-order byte of Timer/Counter 0. Table 18. Timer 0 High Byte Register 7 6 5 4 3 2 1 0 TH0.7 TH0.6 TH0.5 TH0.4 TH0.3 TH0.2 TH0.1 TH0.0 4.7.9 Timer 0 Low Byte (TL0) Table 19 presents the low-order byte of Timer/Counter 0. Table 19. Timer 0 Low Byte Register 7 6 5 4 3 2 1 0 TL0.7 TL0.6 TL0.5 TL0.4 TL0.3 TL0.2 TL0.1 TL0.0 4.7.10 Timer 1 High Byte (TH1) Table 20 presents the high-order byte of Timer/Counter 1. Table 20. Timer 1 High Byte Register 7 6 5 4 3 2 1 0 TH1.7 TH1.6 TH1.5 TH1.4 TH1.3 TH1.2 TH1.1 TH1.0 4.7.11 Timer 1 Low Byte (TL1) Table 21 presents the low order byte of Timer/Counter 1. Table 21. Timer 1 Low Byte Register 7 6 5 4 3 2 1 0 TL1.7 TL1.6 TL1.5 TL1.4 TL1.3 TL1.2 TL1.1 TL1.0 |