| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TN8044AH-R0117 bảng dữ liệu(PDF) 25 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TN8044AH-R0117 bảng dữ liệu(HTML) 25 Page - InnovASIC, Inc |
|
25 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 25 of 65 1-888-824-4184 ® Table 11. Port 0 Register 7 6 5 4 3 2 1 0 P0.7 P0.6 P0.5 P0.4 P0.3 P0.2 P0.1 P0.0 4.6.2 Port 1 (P1) Table 12 presents the values for Port 1 (P1), a general purpose, eight-bit, I/O port with pullups and auxiliary functions. Table 12. Port 1 Register 7 6 5 4 3 2 1 0 CTS/P1.7 RTS/P1.6 P1.5 P1.4 P1.3 P1.2 P1.1 P1.0 Bit [7]—P1.7/Clear To Send input Bit [6]—P1.6/Request To Send output Bit [5]—P1.5 Bit [4]—P1.4 Bit [3]—P1.3 Bit [2]—P1.2 Bit [1]—P1.1 Bit [0]—P1.0 4.6.3 Port 2 (P2) Table 13 presents the values for Port 2, a general purpose, 8-bit, I/O port with pullups and high order address bus. Table 13. Port 2 Register 7 6 5 4 3 2 1 0 P2.7 P2.6 P2.5 P2.4 P2.3 P2.2 P2.1 P2.0 4.6.4 Port 3 (P3) Table 14 presents the values for Port 2, a general purpose, 8-bit I/O port with pullups and auxiliary functions. Bits on this port also function as the SIU data transmit/receive I/O, external interrupt inputs, timer inputs and the read and write strobes for external memory accesses. |