| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA8X44-PLC44I-R-P03 bảng dữ liệu(PDF) 59 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA8X44-PLC44I-R-P03 bảng dữ liệu(HTML) 59 Page - InnovASIC, Inc |
|
59 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 59 of 65 1-888-824-4184 ® Table 55. Data Transfer Mnemonic Description Byte Cycle MOV A,Rn Move register to accumulator 1 1 MOV A,direct Move direct byte to accumulator 2 1 MOV A,@Ri Move indirect RAM to accumulator 1 1 MOV A,#data Move immediate data to accumulator 2 1 MOV Rn,A Move accumulator to register 1 1 MOV Rn,direct Move direct byte to register 2 2 MOV Rn,#data Move immediate data to register 2 1 MOV direct,A Move accumulator to direct byte 2 1 MOV direct,Rn Move register to direct byte 2 2 MOV direct,direct Move direct byte to direct byte 3 2 MOV direct,@Ri Move indirect RAM to direct byte 2 2 MOV direct,#data Move immediate data to direct byte 3 2 MOV @Ri,A Move accumulator to indirect RAM 1 1 MOV @Ri,direct Move direct byte to indirect RAM 2 2 MOV @ Ri, #data Move immediate data to indirect RAM 2 1 MOV DPTR, #data16 Load data pointer with a 16-bit constant 3 2 MOVC A,@A + DPTR Move code byte relative to DPTR to accumulator 1 2 MOVC A,@A + PC Move code byte relative to PC to accumulator 1 2 MOVX A,@Ri Move external RAM (8-bit address) to A 1 2 MOVX A,@DPTR Move external RAM (16-bit address) to A 1 2 MOVX @Ri,A Move A to external RAM (8-bit address) 1 2 MOVX @DPTR,A Move A to external RAM (16-bit address) 1 2 PUSH direct Push direct byte onto stack 2 2 POP direct Pop direct byte from stack 2 2 XCH A,Rn Exchange register with accumulator 1 1 XCH A,direct Exchange direct byte with accumulator 2 1 XCH A,@Ri Exchange indirect RAM with accumulator 1 1 XCHD X,@ Ri Exchange low-order nibble indirect RAM with A 1 1 |