| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA8X44-PLC44I-R-P03 bảng dữ liệu(PDF) 48 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA8X44-PLC44I-R-P03 bảng dữ liệu(HTML) 48 Page - InnovASIC, Inc |
|
48 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 48 of 65 1-888-824-4184 ® 4.15.2 BYP The BYP contains registers and controllers used to perform the manipulations required for SDLC communications. The BYP registers may be accessed by the CPU (see Table 7, SFR Bit Addressable Locations). The BYP contains the SIU state machine that controls transmission and reception of frames. 4.16 Diagnostics A diagnostic mode is included with the IA8044/IA8344 to allow testing of the SIU. Diagnostics use port pins P3.0 and P3.1. Writing a ―0‖ to P3.1 enables the diagnostic mode. When P3.1 is cleared, writing data to P3.0 has the effect of writing a serial data stream to the SIU. P3.0 is the serial data and any write to Port 3 will clock SCLK. The transmit data may be monitored on P3.1 with any write to Port 3, again clocking SCLK. In the test mode P3.0 and P3.1 pins are placed in the high impedance state (see Figure 12). |