| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P8044AH-R0117 bảng dữ liệu(PDF) 57 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
P8044AH-R0117 bảng dữ liệu(HTML) 57 Page - InnovASIC, Inc |
|
57 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 57 of 65 1-888-824-4184 ® 7. Instruction Set The IA8044 and IA8344 architecture and instruction set are identical to the Intel 8051’s. Tables 53 through 57 present the instruction set of the IA8044/IA8344 microcontroller core. Table 53. Arithmetic Operations Mnemonic Description Byte Cycle ADD A,Rn Add register to accumulator 1 1 ADD A, direct Add direct byte to accumulator 2 1 ADD A,@Ri Add indirect RAM to accumulator 1 1 ADD A,#data Add immediate data to accumulator 2 1 ADDC A,Rn Add register to accumulator with carry flag 1 1 ADDC A,direct Add direct byte to A with carry flag 2 1 ADDC A,@Ri Add indirect RAM to A with carry flag 1 1 ADDC A,#data Add immediate data to A with carry flag 2 1 SUBB A,Rn Subtract register from A with borrow 1 1 SUBB A,direct Subtract direct byte from A with borrow 2 1 SUBB A,@Ri Subtract indirect RAM from A with borrow 1 1 SUBB A,#data Subtract immediate data from A with borrow 2 1 INC A Increment accumulator 1 1 INC Rn Increment register 1 1 INC direct Increment direct byte 2 1 INC @ Ri Increment indirect RAM 1 1 DEC A Decrement accumulator 1 1 DEC Rn Decrement register 1 1 DEC direct Decrement direct byte 2 1 DEC @Ri Decrement indirect RAM 1 1 INC DPTR Increment data pointer 1 2 MUL A,B Multiply A and B 1 4 DIV A,B Divide A by B 1 4 DA A Decimal adjust accumulator 1 1 |