công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P8044AH-R0117 bảng dữ liệu(PDF) 45 Page - InnovASIC, Inc

tên linh kiện P8044AH-R0117
Giải thích chi tiết về linh kiện  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INNOVASIC [InnovASIC, Inc]
Trang chủ  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P8044AH-R0117 bảng dữ liệu(HTML) 45 Page - InnovASIC, Inc

Back Button P8044AH-R0117 Datasheet HTML 41Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 42Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 43Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 44Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 45Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 46Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 47Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 48Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 49Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 45 of 65
1-888-824-4184
®
The no-control field format is only supported by the FLEXIBLE mode. In this format, TCB and
RCB are not used and the information field starts immediately after the address field. A control
field may still be used in the frame but the SIU will treat it as a byte of the information field.
The no-control field and no-address field formats are supported only by the FLEXIBLE mode. In
this format STAD, TCB, and RCB are not used and the information field starts immediately after
the opening flag. This option can only be used with the no-control field option. A control field
and address field may still be used in the frame but the SIU will treat each as a byte of the
information field.
The no FCS field format prevents an FCS from being generated during transmission or being
checked during reception. This option may be used in conjunction with the other frame format
options. This option will work with both FLEXIBLE and AUTO modes. In AUTO mode, it
could cause protocol violations. An FCS field may still be used in the frame but the SIU will treat
it as a byte of the information field.
All the possible Frame Format combinations are presented in Table 47, along with the bit settings
that select a given format.
Table 47. Frame Format Options
Frame Option
NFCS
NB
AM
Frame Format
Standard
SDLC
FLEXIBLE
Mode
0
0
0
Fl
Ad
Co
Inf
FCS
Fl
Standard
SDLC
AUTO Mode
0
0
1
Fl
Ad
Co
Inf
FCS
Fl
No-Control
Field
FLEXIBLE
Mode
0
1
1
Fl
Ad
Inf
FCS
Fl
No-Control
Field
No-Address
Field
FLEXIBLE
Mode
0
1
0
Fl
Inf
FCS
Fl
No-FCS Field
FLEXIBLE
Mode
1
0
0
Fl
Ad
Co
Inf
Fl
No-FCS Field
AUTO Mode
1
0
1
Fl
Ad
Co
Inf
Fl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com