| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9523-1/PCBZ bảng dữ liệu(PDF) 53 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9523-1/PCBZ bảng dữ liệu(HTML) 53 Page - Analog Devices |
|
53 / 60 page ![]() AD9523-1 Rev. B | Page 53 of 60 Readback (Address 0x22C to Address 0x22D) Table 54. Readback Registers (Readback 0 and Readback 1) Address Bits Bit Name Description 7 Status PLL2 reference clock 1: OK. 0: off/clocks are missing. 6 Status PLL2 feedback clock 1: OK. 0: off/clocks are missing. 5 Status VCXO 1: OK. 0: off/clocks are missing. 4 Status REF_TEST 1: OK. 0: off/clocks are missing. 3 Status REFB 1: OK. 0: off/clocks are missing. 2 Status REFA 1: OK. 0: off/clocks are missing. 1 Lock detect PLL2 1: locked. 0: unlocked. 0x22C 0 Lock detect PLL1 1: locked. 0: unlocked. [7:4] Reserved Reserved. 3 Holdover active 1: holdover is active (both references are missing). 0: normal operation. 2 Selected reference (in auto mode) Selected reference (applies only when the device automatically selects the reference; for example, not in manual control mode). 1: REFB. 0: REFA. 1 Reserved Reserved. 0x22D 0 VCO calibration in progress 1: VCO calibration in progress. 0: VCO calibration not in progress. |