công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTB23P06 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MTB23P06
Giải thích chi tiết về linh kiện  TMOS POWER FET 23 AMPERES 60 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB23P06 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MTB23P06 Datasheet HTML 1Page - Motorola, Inc MTB23P06 Datasheet HTML 2Page - Motorola, Inc MTB23P06 Datasheet HTML 3Page - Motorola, Inc MTB23P06 Datasheet HTML 4Page - Motorola, Inc MTB23P06 Datasheet HTML 5Page - Motorola, Inc MTB23P06 Datasheet HTML 6Page - Motorola, Inc MTB23P06 Datasheet HTML 7Page - Motorola, Inc MTB23P06 Datasheet HTML 8Page - Motorola, Inc MTB23P06 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.™
High Energy Power FET
D2PAK for Surface Mount
P–Channel Enhancement–Mode Silicon Gate
The D2PAK package has the capability of housing a larger die
than any existing surface mount package which allows it to be used
in applications that require the use of surface mount components
with higher power and lower RDS(on) capabilities. This advanced
TMOS E–FET is designed to withstand high energy in the
avalanche and commutation modes. The new energy efficient
design also offers a drain–to–source diode with a fast recovery
time. Designed for low voltage, high speed switching applications in
power supplies, converters and PWM motor controls, these
devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional safety margin against unexpected voltage transients.
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Short Heatsink Tab Manufactured — Not Sheared
• Specially Designed Leadframe for Maximum Power Dissipation
• Available in 24 mm 13–inch/800 Unit Tape & Reel, Add T4
Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
60
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–to–Source Voltage — Continuous
VGS
±20
Vdc
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
23
14
75
Adc
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TA = 25°C, when mounted with the minimum recommended pad size
PD
125
1.0
2.5
Watts
W/
°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vpk, IL = 23 Apk, L = 5.7 mH, RG = 25 Ω)
EAS
1500
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient, when mounted with the minimum recommended pad size
R
θJC
R
θJA
R
θJA
1.0
62.5
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MTB23P06E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1994
MTB23P06E
TMOS POWER FET
23 AMPERES
60 VOLTS
RDS(on) = 0.12 OHM
Motorola Preferred Device
CASE 418B–02, Style 2
D2PAK
D
S
G
®


Số phần tương tự - MTB23P06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MTB23P06 MOTOROLA-MTB23P06 Datasheet
249Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
logo
Inchange Semiconductor ...
MTB23P06E ISC-MTB23P06E Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
logo
ON Semiconductor
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
logo
VBsemi Electronics Co.,...
MTB23P06V VBSEMI-MTB23P06V Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results

Mô tả tương tự - MTB23P06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMFT3055V MOTOROLA-MMFT3055V Datasheet
91Kb / 4P
TMOS POWER FET 1.7 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
TMOS POWER FET 42 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
TMOS POWER FET 60 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
TMOS POWER FET 75 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
TMOS POWER FET 15 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com