| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPA206N bảng dữ liệu(PDF) 59 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MPA206N bảng dữ liệu(HTML) 59 Page - Tyco Electronics |
|
59 / 326 page ![]() MSSA-01/04 Series B31 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Instrumentation Grade, .100 Terminal Spacing DPDT FLUSH ACTUATOR MSSA204N1 SPDT SEE PAGE B30 FOR PRODUCT SPECIFICATIONS MSSA104D .112 (2.85) 0.25 (6.35) .120 (3.05) .470 (11.9) .030 (.762) TYP. .135 (3.43) TYP. .315 (8.00) .110 (2.79) .115 (2.92) .100 (2.54) TYP. .043 (1.09) DIA. TYP. 0.10 (2.54) TYP. .020 (.508) TYP. Tyco Electronics Alcoswitch Act. Code Pg. M5 Contacts 1-1437580-7 MSSA101DG D On None On Gold — MSSA101EG E On Off On Gold 2-1437580-3 MSSA104D D On None On Silver 2-1437580-6 MSSA104E E On Off On Silver Tyco Electronics Alcoswitch Act. Code Pg. M5 Contacts 4-1437580-4 MSSA204N N On None On Silver Tyco Electronics Alcoswitch Act. Code Pg. M5 Contacts 2-1437580-4 MSSA104D1 D On None On Silver Tyco Electronics Alcoswitch Act. Code Pg. M5 Contacts 4-1437580-5 MSSA204N1 N On None On Silver 4-1437580-8 MSSA204P1 P On Off On Silver DPDT MSSA204N .450 (11.4) .470 (11.9) .112 (2.85) .120 (3.05) .030 (7.62) TYP. .200 (5.08) .135 (3.43) .315 (8.00) .100 (2.54) TYP. .200 (5.08) .043 (1.09) DIA. TYP. 0.10 (2.54) TYP. .020 (.508) TYP. .110 (2.79) .115 (2.92) SPDT FLUSH ACTUATOR MSSA104D1 .450 (11.4) .470 (11.9) .030 (7.62) TYP. .200 (5.08) .135 (3.43) .315 (8.00) .100 (2.54) TYP. .043 (1.09) DIA. TYP. 0.10 (2.54) TYP. .200 (5.08) .020 (.508) TYP. 0.25 (6.35) .470 (11.9) .030 (7.62) TYP. .135 (3.43) TYP. .315 (8.00) .100 (2.54) TYP. .043 (1.09) DIA. TYP. 0.10 (2.54) TYP. .020 (.508) TYP. |