| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPA206N bảng dữ liệu(PDF) 85 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MPA206N bảng dữ liệu(HTML) 85 Page - Tyco Electronics |
|
85 / 326 page ![]() C9 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 TT Series Toggle Switches, Tiny, Actuator and Bushing Options BUSHINGS 1 2 3 4 9 8 7 6 .296 (7.52) .200 (5.08) WIDTH .100 (2.54) .100 (2.54) DIA. .296 (7.52) .160 (4.06) DIA. .381 (9.68) .100 (2.54) DIA. .100 (2.54) DIA. .221 (5.61) .100 (2.54) DIA. .100 (2.54) DIA. .200 (5.08) DIA. .401 (10.19) .457 (11.61) .567 (14.40) .421 (10.69) LOCKING SPECIFY COLOR SPECIFY COLOR .216 (5.49) .216 (5.49) .200 (5.08) .200 (5.08) .311 (7.90) .311 (7.90) T T1/4 .172 (4.37) .186 (4.72) DIA. .236 (5.99) DIA. .172 (4.37) # 10-48 UNS-2A .236 (5.99) 1/4-40 UNS-2A .227 (5.77) .281 DIA. (7.14) .020 Dp X .040 W KEYWAY (.508 x 1.02) .177 ±.002 (4.50 ±.05) .177 ±.002 (4.50 ±.05) VRA VERSIONS BLANK .400 (10.16) DIA. .227 (5.77) 1/4-40 UNS-2A VRA VERSIONS .228 (5.79) .033 (.830) .252 (6.40) DIA. PANEL CUTOUT PANEL CUTOUT .252 ±.002 DIA. (6.40 ±.05) PANEL CUTOUT *T1/4 *VERSION USED ON TTE(Enviromentaly Sealed) Series .192 ±.002 (4.88 ±.05) .192 ±.002 (4.88 ±.05) .232 ±.002 (5.89 ±.05) .252 ±.002 DIA. (6.40 ±.05) .232 ±.002 (5.89 ±.05) .200 (5.08) for VRA Version .200 (5.08) for VRA Version Toggle Cap Series C-11* Available |