| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPA206N bảng dữ liệu(PDF) 141 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MPA206N bảng dữ liệu(HTML) 141 Page - Tyco Electronics |
|
141 / 326 page ![]() Part Number Tyco Alcoswitch Type Action Electronics 1437567-8 APA2MGRA DPST N.O. Momentary — (1-3, 4-6) 1-1437567-0 APA2RGRA DPDT Momentary 2-3, 5-6 (2-1, 5-4) Note: No center terminals on "M" action switches. APA Series D17 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D Pushbutton Switches, .120 Actuator, Right Angle APA1FGRA .130 (3.30) DIA. .025 (0.63) .043 (1.09) DIA. TYP. .100 (2.54) TYP. .200 (5.08) .097 (2.46) .120 (3.00) .027 (0.69) .330 (8.38) .403 (10.23) .229 (5.82) .020 (0.51) TYP. .100 (2.54) TYP. 123 2.25 (5.72) .135 (3.43) .050 (1.20) TRAVEL .125 (3.17) .012 0.30 .024 (0.60) TYP. DPST/DPDT APA2RGRA Bushing .130 (3.30) DIA. .025 (0.63) .120 (3.00) .097 (2.46) DIA. .050 (1.20) TRAVEL .140 (3.56) .012 (0.30) .023 (0.58) .030 (0.76) .130 (3.30) .350 (8.90) .122 (3.09) .335 (8.50) .043 (1.09) DIA. TYP. .200 (5.08) .100 (2.54) .100 (2.54) TYP. .375 (9.53) .298 (7.57) .100 (2.54) TYP. .020 (0.51) TYP. 12 3 45 6 SPST/SPDT ® Part Number Tyco Alcoswitch Type Action Electronics — APA1BGRA SPST N.C. Momentary 1-3 (—) 1437567-4 APA1CGRA SPST N.O. Momentary — (1-3) 1437567-6 APA1FGRA SPDT Momentary 2-3 (2-1) Note: No center terminals on "B" or "C" action switches. |