| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLAS191A bảng dữ liệu(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS191A bảng dữ liệu(HTML) 53 Page - Texas Instruments |
|
53 / 86 page ![]() 2–17 The address of the two breakpoints should not be identical. Only two breakpoints are supported, a third breakpoint cannot be set. In order to set another breakpoint, one breakpoint has to be cleared first with the c command. Figure 2–17 shows the breakpoint after entry. To set a breakpoint type s Enter the location of the breakpoint: 24e <ENTER> >init MSP–STK430A320 >Set Bkpt 0000 0000 24e >Set Bkpt 024e 0000 Press <ESC> here Figure 2–17. Set a Breakpoint Command |