| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP3SL200 bảng dữ liệu(PDF) 35 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SL200 bảng dữ liệu(HTML) 35 Page - Altera Corporation |
|
35 / 341 page ![]() Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics 1–25 Switching Characteristics © July 2010 Altera Corporation Stratix III Device Handbook, Volume 2 Figure 1–3 shows the LVDS Soft-CDR/ DPA sinusoidal jitter tolerance specifications for Stratix III devices. Table 1–27 lists the LVDS Soft-CDR/ DPA sinusiodal jitter mask values for Stratix III devices. External Memory Interface Specifications The following sections describe the external memory I/O timing specifications and the DLL and DQS block specifications. f For more information about the maximum clock rate support for external memory interfaces with a half-rate or full-rate controller, refer to Section III: System Performance Specifications of the External Memory Interfaces Handbook. External Memory I/O Timing Specifications Table 1–28 and Table 1–29 list Stratix III device timing uncertainties on the read and write data paths. Use these specifications to determine timing margins for source synchronous paths between the Stratix III FPGA and the external memory device. For more information, refer to the figure for “SW (sampling window)” in the “Glossary” on page 1–326. Figure 1–3. LVDS Soft-CDR/DPA Sinusiodal Jitter Tolerance Specification for Stratix III Devices Table 1–27. LVDS Soft-CDR/DPA Sinusoidal Jitter Mask Values for Stratix III Devices Jitter Frequency (Hz) Jitter Amplitude Unit F1 10,000 25.000 UI F2 17,565 25.000 UI F3 1,493,000 0.350 UI F4 50,000,000 0.350 UI |