| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP3SL200 bảng dữ liệu(PDF) 8 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SL200 bảng dữ liệu(HTML) 8 Page - Altera Corporation |
|
8 / 341 page ![]() viii Typographic Conventions Stratix III Device Handbook, Volume 2 © July 2010 Altera Corporation Courier type Signal and port names are shown in lowercase Courier type. Examples: data1, tdi, input. Active-low signals are denoted by suffix n, e.g., resetn. Anything that must be typed exactly as it appears is shown in Courier type. For example: c:\qdesigns\tutorial\chiptrip.gdf. Also, sections of an actual file, such as a Report File, references to parts of files (e.g., the AHDL keyword SUBDESIGN ), as well as logic function names (e.g., TRI) are shown in Courier. 1., 2., 3., and a., b., c., etc. Numbered steps are used in a list of items when the sequence of the items is important, such as the steps listed in a procedure. ■ ■ Bullets are used in a list of items when the sequence of the items is not important. v The checkmark indicates a procedure that consists of one step only. 1 The hand points to information that requires special attention. c A caution calls attention to a condition or possible situation that can damage or destroy the product or the user’s work. w A warning calls attention to a condition or possible situation that can cause injury to the user. r The angled arrow indicates you should press the Enter key. f The feet direct you to more information on a particular topic. Visual Cue Meaning |