công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4341103E/ML bảng dữ liệu(PDF) 52 Page - Microchip Technology

tên linh kiện MCP4341103E/ML
Giải thích chi tiết về linh kiện  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341103E/ML bảng dữ liệu(HTML) 52 Page - Microchip Technology

Back Button MCP4341103E/ML Datasheet HTML 48Page - Microchip Technology MCP4341103E/ML Datasheet HTML 49Page - Microchip Technology MCP4341103E/ML Datasheet HTML 50Page - Microchip Technology MCP4341103E/ML Datasheet HTML 51Page - Microchip Technology MCP4341103E/ML Datasheet HTML 52Page - Microchip Technology MCP4341103E/ML Datasheet HTML 53Page - Microchip Technology MCP4341103E/ML Datasheet HTML 54Page - Microchip Technology MCP4341103E/ML Datasheet HTML 55Page - Microchip Technology MCP4341103E/ML Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
MCP434X/436X
DS22233A-page 52
© 2009 Microchip Technology Inc.
7.5
Write Data
Normal and High Voltage
The Write command is a 16-bit command. The Write
Command can be issued to both the Volatile and
Non-Volatile memory locations. The format of the
command is shown in Figure 7-2.
A Write command to a Volatile memory location
changes that location after a properly formatted Write
Command (16-clock) have been received.
A Write command to a Non-Volatile memory location
will only start a write cycle after a properly formatted
Write Command (16-clock) have been received and the
CS pin transitions to the inactive state (VIH).
7.5.1
SINGLE WRITE TO VOLATILE
MEMORY
The write operation requires that the CS pin be in the
active state (VILor VIHH). Typically, the CS pin will be in
the inactive state (VIH) and is driven to the active state
(VIL). The 16-bit Write Command (Command Byte and
Data Byte) is then clocked in on the SCK and SDI pins.
Once all 16 bits have been received, the specified
volatile address is updated. A write will not occur if the
write command isn’t exactly 16 clocks pulses. This
protects against system issues from corrupting the
Non-Volatile memory locations.
Figure 6-2 and Figure 6-3 show possible waveforms
for a single write.
7.5.2
SINGLE WRITE TO NON-VOLATILE
MEMORY
The sequence to write to a single non-volatile memory
location is the same as a single write to volatile memory
with the exception that after the CS pin is driven
inactive (VIH), the EEPROM write cycle (tWC) is started.
A write cycle will not start if the write command isn’t
exactly 16 clocks pulses. This protects against system
issues from corrupting the Non-Volatile memory
locations.
After the CS pin is driven inactive (VIH), the serial
interface may immediately be re-enabled by driving the
CS pin to the active state (VILor VIHH).
During an EEPROM write cycle, only serial commands
to Volatile memory (addresses 00h, 01h, 04h, 05h, 06h,
07h, and 0Ah) are accepted. All other serial commands
are ignored until the EEPROM write cycle (twc) com-
pletes. This allows the Host Controller to operate on the
Volatile Wiper registers and the TCON register, and to
Read the Status Register. The EEWA bit in the Status
register indicates the status of an EEPROM Write
Cycle.
Once a write command to a Non-Volatile memory
location has been received, NO other SPI commands
should be received before the CS pin transitions to the
inactive state (VIH) or the current SPI command will
have a Command Error (CMDERR) occur.
FIGURE 7-2:
Write Command - SDI and SDO States.
Note:
Writes to certain memory locations will be
dependant on the state of the WiperLock
Technology bits and the Write Protect bit.
A
D
3
A
D
2
A
D
1
A
D
0
00
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
1111111111111111
Valid Address/Command combination
111111
0
0
0
0
0
0
0
0
0
0
Invalid Address/Command combination (1)
COMMAND BYTE
DATA BYTE
SDI
SDO
Note 1: If an Error Condition occurs (CMDERR = L), all following SDO bits will be low until the CMDERR
condition is cleared (the CS pin is forced to the inactive state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com