công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4341103E/ML bảng dữ liệu(PDF) 38 Page - Microchip Technology

tên linh kiện MCP4341103E/ML
Giải thích chi tiết về linh kiện  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341103E/ML bảng dữ liệu(HTML) 38 Page - Microchip Technology

Back Button MCP4341103E/ML Datasheet HTML 34Page - Microchip Technology MCP4341103E/ML Datasheet HTML 35Page - Microchip Technology MCP4341103E/ML Datasheet HTML 36Page - Microchip Technology MCP4341103E/ML Datasheet HTML 37Page - Microchip Technology MCP4341103E/ML Datasheet HTML 38Page - Microchip Technology MCP4341103E/ML Datasheet HTML 39Page - Microchip Technology MCP4341103E/ML Datasheet HTML 40Page - Microchip Technology MCP4341103E/ML Datasheet HTML 41Page - Microchip Technology MCP4341103E/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
MCP434X/436X
DS22233A-page 38
© 2009 Microchip Technology Inc.
REGISTER 4-3:
TCON1 BITS (1)
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
D8
R3HW
R3A
R3W
R3B
R2HW
R2A
R2W
R2B
bit 8
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8
D8: Reserved. Forced to “1”
bit 7
R3HW: Resistor 3 Hardware Configuration Control bit
This bit forces Resistor 3 into the “shutdown” configuration of the Hardware pin
1
=
Resistor 3 is NOT forced to the hardware pin “shutdown” configuration
0
=
Resistor 3 is forced to the hardware pin “shutdown” configuration
bit 6
R3A: Resistor 3 Terminal A (P3A pin) Connect Control bit
This bit connects/disconnects the Resistor 3 Terminal A to the Resistor 3 Network
1
=
P3A pin is connected to the Resistor 3 Network
0
=
P3A pin is disconnected from the Resistor 3 Network
bit 5
R3W: Resistor 3 Wiper (P3W pin) Connect Control bit
This bit connects/disconnects the Resistor 3 Wiper to the Resistor 3 Network
1
=
P3W pin is connected to the Resistor 3 Network
0
=
P3W pin is disconnected from the Resistor 3 Network
bit 4
R3B: Resistor 3 Terminal B (P3B pin) Connect Control bit
This bit connects/disconnects the Resistor 3 Terminal B to the Resistor 3 Network
1
=
P3B pin is connected to the Resistor 3 Network
0
=
P3B pin is disconnected from the Resistor 3 Network
bit 3
R2HW: Resistor 2 Hardware Configuration Control bit
This bit forces Resistor 2 into the “shutdown” configuration of the Hardware pin
1
=
Resistor 2 is NOT forced to the hardware pin “shutdown” configuration
0
=
Resistor 2 is forced to the hardware pin “shutdown” configuration
bit 2
R2A: Resistor 2 Terminal A (P0A pin) Connect Control bit
This bit connects/disconnects the Resistor 2 Terminal A to the Resistor 2 Network
1
=
P2A pin is connected to the Resistor 2 Network
0
=
P2A pin is disconnected from the Resistor 2 Network
bit 1
R2W: Resistor 2 Wiper (P0W pin) Connect Control bit
This bit connects/disconnects the Resistor 2 Wiper to the Resistor 2 Network
1
=
P2W pin is connected to the Resistor 2 Network
0
=
P2W pin is disconnected from the Resistor 2 Network
bit 0
R2B: Resistor 2 Terminal B (P2B pin) Connect Control bit
This bit connects/disconnects the Resistor 2 Terminal B to the Resistor 2 Network
1
=
P2B pin is connected to the Resistor 2 Network
0
=
P2B pin is disconnected from the Resistor 2 Network
Note 1:
These bits do not affect the wiper register values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com