công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS3101E18-3SW bảng dữ liệu(PDF) 70 Page - Amphenol Corporation

tên linh kiện CS3101E18-3SW
Giải thích chi tiết về linh kiện  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101E18-3SW bảng dữ liệu(HTML) 70 Page - Amphenol Corporation

Back Button CS3101E18-3SW Datasheet HTML 65Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 66Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 67Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 68Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 69Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 70Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 71Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 72Page - Amphenol Corporation CS3101E18-3SW Datasheet HTML 73Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
69
When proprietary crimp contacts are employed rather
than the standard MS approved solder contacts, the fol-
lowing application tools are recommended for use. There
is a possibility of additional crimping tools other than
those included being available at present or in the future
for this specific application.
Complete instructions for providing reliable crimped wire
to contact terminations and inserting proprietary crimp
contacts in MS/Standard series connectors are available
in publication L-757.
* Use Daniels Turret TH29-1 or Astro Tool Co. Turret 616266.
** For appropriate crimp tool and positioner refer to Pico Crimping Tool Co.
† Tool used with Arbor press 11-7364.
TOOLING CHART
Crimping
Tool
Positioner/
Turret
Contact
Size
Contact
Style
Insertion
Tool
Removal
Tool
M22520/1-01
*
16
Pin & Socket
11-7345
11-8250 Kit
M22520/1-01
*
12
Pin & Socket
11-7082
11-8250 Kit
**
**
8
Pin & Socket
11-8220
11-8250 Kit
**
**
4
Pin & Socket
11-7365-4†
Pin 11-7370-4†
Socket 11-7674-2†
**
**
0
Pin & Socket
11-7365-5†
Pin 11-7370-5†
Socket 11-7674-3†
MS/Standard
application tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com