| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS3101E18-3SW bảng dữ liệu(PDF) 43 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101E18-3SW bảng dữ liệu(HTML) 43 Page - Amphenol Corporation |
|
43 / 73 page ![]() 42 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 20 21 22 19 18 front face of pin insert or rear face of socket insert illustrated Special contact arrangements Insert Arrangement 32-AF 36-22 36-51 36-54 Service Rating A DDA Number of Contacts 55 22 2 2 8 31 Contact Size 16 12 0 4 8 16 Insert Arrangement 36-55 36-59 36-60 36-64 Service Rating A A ** – Number of Contacts 31 8 50 3 40 7 4 Contact Size 16 8 for #6 wire 16 12 for #10 wire 16 12 for #10 wire 0 (Coax) RG-11/U, RG-12/U or RG-13/U Insert Arrangement 36-65 36-71 36-73 36-74 Service Rating – A – A Number of Contacts 4 3 50 7 43 1 Contact Size 0 (Coax) RG-59/U, RG-62/U 12 16 4 (Coax) RG-62B/U 16 8 (Coax) RG-187/U or RG-71/U ** Consult Amphenol, Sidney, NY for service rating of power contacts. CONTACT LEGEND 16 12 8 4 0 AB CD E FG H J KL M NO P R ST U VW XY Z a b c de f g h j k n m pr t u v w s xy z q AA AB AC AD AE AF AG AH A B C D A B C D E F H J K L M N P R S T U V W X Y Z a b c d f g h i j k m n p r t s q A B C D E F H J K L M N P R S T U V W X Y Z a b c d f g h i j k m n p r t s q A BC D EF H J K L MN P R S T U VW X Y Za b c df g h i j k mn p r t u vw s xy z q AA AB AC AD AE AF AH AJ A B C D E F G H I J K L M N O P R S T U V W X Y Z ab c d e f g h j k m n p r t s u v x y z w A B C D A B C D A BC D EF H J K L MN P R S T U VW X Y Za b c df g h i j k mn p r t u vw s xy z q AA AB AC AD AE AF AH AJ A B C D E F G 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 |