công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MS3100C18-3SW bảng dữ liệu(PDF) 62 Page - Amphenol Corporation

tên linh kiện MS3100C18-3SW
Giải thích chi tiết về linh kiện  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3100C18-3SW bảng dữ liệu(HTML) 62 Page - Amphenol Corporation

Back Button MS3100C18-3SW Datasheet HTML 58Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 59Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 60Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 61Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 62Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 63Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 64Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 65Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 66Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
61
The 10-305200 cable clamp and MS3420A sleeve illustrated are used only on
the rear of MS-A or C type connectors. The 10-74900 clamp and grommet
assembly can only be used on special feed-thru applications involving dummy
shells, part numbers 10-37090 and 10-113276.
ASSEMBLY
Both clamps are shipped from the factory with lubricant
conforming to MIL-G-3278. Remove any dirt or foreign
material from components with ethyl alcohol and relubri-
cate as outlined under “lubrication.” Place the clamping
nut (1) on the wire bundle or cable with the threads facing
toward the connector or dummy shell. Position the
tapered sleeve (2) on the bundle or cable with the narrow
portion toward the clamping nut (1). Next install either the
gland (3) used with the 10-305200 clamp or thread each
wire through the grommet (3) used with the 10-74900
clamp. Dependent on the application, the wire bundle or
cable is fed through the dummy shell, or the wire ends
are soldered to the connector contacts. Move the compo-
nents forward in the reverse order of preliminary assem-
bly. (In applications where grommets (3) are used, seat
the grommet against the undercut in the back shell
before bringing the tapered sleeve (2) up against it).
Insure proper positioning of glands (3) or grommets (3),
tapered sleeves (2) and clamping nuts (1). Tighten the
clamp using a strap wrench until a metal to metal seat is
obtained.
Assembly Instructions
for 10-305200 & 10-74900
cable clamps
4
3
2
1
10-305200 Cable Clamp & MS3420A Sleeve
1. Clamping Nut
2. Tapered Sleeve
3. Gland
4. Reducing or
Telescoping Sleeve
3
2
1
10-74900 Clamp and Grommet Assembly
1. Clamping Nut
2. Tapered Sleeve
3. Grommet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com