công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MS3100C18-3SW bảng dữ liệu(PDF) 60 Page - Amphenol Corporation

tên linh kiện MS3100C18-3SW
Giải thích chi tiết về linh kiện  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3100C18-3SW bảng dữ liệu(HTML) 60 Page - Amphenol Corporation

Back Button MS3100C18-3SW Datasheet HTML 56Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 57Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 58Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 59Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 60Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 61Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 62Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 63Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 64Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
59
10-113276-XXX*
For Open Wire Waterproofing
Similar to the 10-37090 shell in con-
struction, but substitutes jam nut
mounting. The 10-74900 grommet
seats against the undercut for mois-
ture-proofing
between
the
clamp
assembly and the shell.
10-37090-XXX*
For Open Wire Waterproofing
A feed-thru shell with an undercut for
retention of the grommet in the 10-
74900 series clamp. The undercut is
notched to prevent grommet slippage.
Mounts to panel with four mounting
bolts.
Shell
Size
Order
Number
A
Thread
B
+.010
–.000
C
±.005
D
±.010
E
±.010
F
±.010
10
10-113276-10X
.5000-28UNEF-2A
.203
1.000
.875
1.031
.309
12
10-113276-12X
.6250-24NEF-2A
.328
1.000
1.000
1.156
.354
14
10-113276-14X
.7500-20UNEF-2A
.453
1.000
1.125
1.312
.397
16
10-113276-16X
.8750-20UNEF-2A
.578
1.062
1.250
1.438
.442
18
10-113276-18X
1.0000-20UNEF-2A
.676
1.062
1.375
1.562
.486
20
10-113276-20X
1.1875-18NEF-2A
.801
1.062
1.688
1.875
.596
22
10-113276-22X
1.1875-18NEF-2A
.906
1.062
1.688
1.875
.596
24
10-113276-24X
1.4375-18NEF-2A
1.016
1.062
1.938
2.188
.685
28
10-113276-28X
1.4375-18NEF-2A
1.130
1.062
1.938
2.188
.685
32
10-113276-32X
1.7500-18NS-2A
1.438
1.062
2.250
2.625
.795
36
10-113276-36X
2.0000-18NS-2A
1.678
1.281
2.500
2.875
.884
40
10-113276-40X
2.2500-16UN-2A
1.914
1.344
2.750
3.125
.972
* To complete order number add shell size and suffix number from finish chart below. For
example, shell size 12 with an olive drab chromate finish would be 10-113276-123 or 10-
37090-123.
Shell
Size
Order
Number
A
Thread
B
+.010
–.000
C
±.010
D
±.010
E
±.005
F
+.004
–.002
10
10-37090-10X
.5000-28UNEF-2A
.203
.820
.875
.594
.120
12
10-37090-12X
.6250-24NEF-2A
.328
.820
1.000
.719
.120
14
10-37090-14X
.7500-20UNEF-2A
.453
.820
1.094
.812
.120
16
10-37090-16X
.8750-20UNEF-2A
.578
.820
1.188
.906
.120
18
10-37090-18X
1.0000-20UNEF-2A
.676
.820
1.281
.969
.120
20
10-37090-20X
1.1875-18NEF-2A
.801
.850
1.438
1.125
.120
22
10-37090-22X
1.1875-18NEF-2A
.906
.850
1.438
1.125
.120
24
10-37090-24X
1.4375-18NEF-2A
1.016
.875
1.688
1.312
.147
28
10-37090-28X
1.4375-18NEF-2A
1.130
.875
1.688
1.312
.147
32
10-37090-32X
1.7500-18NS-2A
1.438
.875
2.000
1.562
.147
36
10-37090-36X
2.0000-18NS-2A
1.678
1.133
2.250
1.750
.173
40
10-37090-40X
2.2500-16UN-2A
1.914
1.133
2.500
1.938
.173
Finish
10-No. Suffix
Chromate treat
-XX1
Olive drab chromate
-XX3
MS/Standard Accessories
thru-bulkhead shells
F
F
D
D
E DIA
B
A THD
C
B
A THD
C
E
D
D
E
F DIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73