| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1810M bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1810M bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 25 page ![]() Package mechanical STM1810/1811/1812/1813/1815/1816/1817/1818 20/25 Doc ID11464 Rev 8 6 Package mechanical 6.1 ECOPACK® In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 21. SOT23-3 – 3-lead small outline transistor package outline 1. Drawing is not to scale. |