| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1810M bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1810M bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 25 page ![]() September 2010 Doc ID11464 Rev 8 1/25 1 STM1810 STM1811 STM1812 STM1813 STM1815 STM1816 STM1817 STM1818 Low power reset circuit Features ■ Precision monitoring of 3 V, 3.3 V, and 5 V supply voltages ■ Four output configurations: – Push-pull, active-high (STM1812,1817) – Push-pull, active-low (STM1810,1815) – Open-drain, active-low (STM1811,1816) – Open-drain, active-low with push-button detect (STM1813,1818) ■ Reset pulse width - 100 ms (min.) ■ Low supply current - 4 µA (typ.) ■ Guaranteed assertion down to VCC = 1.0 V (0 °C to 105 °C) ■ Factory-trimmed reset thresholds of 2.55 V, 2.88 V, 3.06 V, 4.37 V, and 4.62 V (typ.) ■ Power supply transient immunity ■ Push-button/manual reset detect (STM1813/1818) ■ Operating temperature: –40 °C to 105 °C ■ ± 2.5% reset threshold accuracy: (–40 °C to 105 °C) ■ Available in the SOT23-3 package ■ Fully compatible with DS181x and MXD181x products. SOT23-3 (WX) Table 1. Device summary Order codes 5 V 3.3 V/ 3.0 V Active-low reset (push-pull) Active-low reset (open-drain) Active-high reset (push-pull) Active-low reset (open-drain, bidirectional, with MR detect) STM1810L/M ✔✔ STM1811L/M ✔✔(1) STM1812L/M ✔✔ STM1813L/M ✔ ✔ STM1815T/S/R ✔✔ STM1816T/S/R ✔✔(1) STM1817T/S/R ✔✔ STM1818T/S/R ✔✔ 1. Active-low RST with internal pull-up resistor. www.st.com |
Số phần tương tự - STM1810M |
|
Mô tả tương tự - STM1810M |