| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8349CVVALFB bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349CVVALFB bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 87 page ![]() MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13 72 Freescale Semiconductor Clocking Table 61. e300 Core PLL Configuration RCWL[COREPLL] core_clk : csb_clk Ratio VCO Divider1 1 Core VCO frequency = core frequency × VCO divider. The VCO divider must be set properly so that the core VCO frequency is in the range of 800–1800 MHz. 0–1 2–5 6 nn 0000 n PLL bypassed (PLL off, csb_clk clocks core directly) PLL bypassed (PLL off, csb_clk clocks core directly) 00 0001 01:1 2 01 0001 01:1 4 10 0001 01:1 8 11 0001 01:1 8 00 0001 1 1.5:1 2 01 0001 1 1.5:1 4 10 0001 1 1.5:1 8 11 0001 1 1.5:1 8 00 0010 02:1 2 01 0010 02:1 4 10 0010 02:1 8 11 0010 02:1 8 00 0010 1 2.5:1 2 01 0010 1 2.5:1 4 10 0010 1 2.5:1 8 11 0010 1 2.5:1 8 00 0011 03:1 2 01 0011 03:1 4 10 0011 03:1 8 11 0011 03:1 8 |