| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8349CVVALFB bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349CVVALFB bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 87 page ![]() MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13 4 Freescale Semiconductor Overview — On-chip arbitration supporting five masters on PCI1, three masters on PCI2 — Accesses to all PCI address spaces — Parity supported — Selectable hardware-enforced coherency — Address translation units for address mapping between host and peripheral — Dual address cycle for target — Internal configuration registers accessible from PCI • Security engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP, IEEE Std. 802.11i®, iSCSI, and IKE processing. The security engine contains four crypto-channels, a controller, and a set of crypto execution units (EUs): — Public key execution unit (PKEU) : – RSA and Diffie-Hellman algorithms – Programmable field size up to 2048 bits – Elliptic curve cryptography – F2m and F(p) modes – Programmable field size up to 511 bits — Data encryption standard (DES) execution unit (DEU) – DES and 3DES algorithms – Two key (K1, K2) or three key (K1, K2, K3) for 3DES – ECB and CBC modes for both DES and 3DES — Advanced encryption standard unit (AESU) – Implements the Rijndael symmetric-key cipher – Key lengths of 128, 192, and 256 bits – ECB, CBC, CCM, and counter (CTR) modes — XOR parity generation accelerator for RAID applications — ARC four execution unit (AFEU) – Stream cipher compatible with the RC4 algorithm – 40- to 128-bit programmable key — Message digest execution unit (MDEU) – SHA with 160-, 224-, or 256-bit message digest – MD5 with 128-bit message digest – HMAC with either algorithm — Random number generator (RNG) — Four crypto-channels, each supporting multi-command descriptor chains – Static and/or dynamic assignment of crypto-execution units through an integrated controller – Buffer size of 256 bytes for each execution unit, with flow control for large data sizes • Universal serial bus (USB) dual role controller — USB on-the-go mode with both device and host functionality |