công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 239 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 239 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 235Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 236Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 237Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 238Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 239Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 240Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 241Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 242Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 341 page
background image
Chapter 15 Serial Peripheral Interface (S08SPIV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
235
pin from a master and the MISO waveform applies to the MISO output from a slave. The SS OUT
waveform applies to the slave select output from a master (provided MODFEN and SSOE = 1). The master
SS output goes to active low one-half SPSCK cycle before the start of the transfer and goes back high at
the end of the eighth bit time of the transfer. The SS IN waveform applies to the slave select input of a
slave.
Figure 15-10. SPI Clock Formats (CPHA = 1)
When CPHA = 1, the slave begins to drive its MISO output when SS goes to active low, but the data is not
defined until the first SPSCK edge. The first SPSCK edge shifts the first bit of data from the shifter onto
the MOSI output of the master and the MISO output of the slave. The next SPSCK edge causes both the
master and the slave to sample the data bit values on their MISO and MOSI inputs, respectively. At the
third SPSCK edge, the SPI shifter shifts one bit position which shifts in the bit value that was just sampled,
and shifts the second data bit value out the other end of the shifter to the MOSI and MISO outputs of the
master and slave, respectively. When CHPA = 1, the slave’s SS input is not required to go to its inactive
high level between transfers.
Figure 15-11 shows the clock formats when CPHA = 0. At the top of the figure, the eight bit times are
shown for reference with bit 1 starting as the slave is selected (SS IN goes low), and bit 8 ends at the last
SPSCK edge. The MSB first and LSB first lines show the order of SPI data bits depending on the setting
BIT TIME #
(REFERENCE)
MSB FIRST
LSB FIRST
SPSCK
(CPOL = 0)
SPSCK
(CPOL = 1)
SAMPLE IN
(MISO OR MOSI)
MOSI
(MASTER OUT)
MISO
(SLAVE OUT)
SS OUT
(MASTER)
SS IN
(SLAVE)
BIT 7
BIT 0
BIT 6
BIT 1
BIT 2
BIT 5
BIT 1
BIT 6
BIT 0
BIT 7
12
6
7
8
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com