công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 243 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 243 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 239Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 240Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 241Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 242Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 243Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 244Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 245Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 246Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 341 page
background image
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
239
Chapter 16
Timer Pulse-Width Modulator (S08TPMV3)
16.1 Introduction
The TPM uses one input/output (I/O) pin per channel, TPMxCHn where x is the TPM number (for
example, 1 or 2) and n is the channel number (for example, 0–1). The TPM shares its I/O pins with
general-purpose I/O port pins (refer to the Pins and Connections chapter for more information).
All MC9S08SH8 MCUs have two TPM modules. The number of channels available depends on the pin
quantity of the package, as shown in Table 16-1:
Figure 16-1 shows the MC9S08SH8 block diagram with the TPM modules highlighted.
16.1.1
ACMP/TPM Configuration In ormation
The ACMP module can be configured to connect the ouput of the analog comparator to TPM1 input
capture channel 0 by setting ACIC in SOPT2. With ACIC set, the TPM1CH0 pin is not available externally
regardless of the configuration of the TPM1 module for channel 0.
16.1.2
TPM Configuration In ormation
The external clock for the TPM modules, TPMCLK, is selected by setting CLKS[B:A] = 1:1 in TPMxSC,
which selects the TCLK pin input. The TCLK input on PTA0 can be enabled as external clock inputs to
both TPM modules and MTIM simultaneously.
Table 16-1. MC9S08SH8 Features by MCU and Package
Feature
MC9S08SH8/4
Pin quantity
20
16
8
TPM1 channels
2
2
11
1 The 8-pin device does not have TPM1 or TPM2 channel
1 bonded out, but those timer channels are available to
the user to use as software compares.
TPM2 channels
2
2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com