công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 237 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 237 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 233Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 234Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 235Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 236Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 237Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 238Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 239Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 240Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 241Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 341 page
background image
Chapter 15 Serial Peripheral Interface (S08SPIV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
233
15.4.5
SPI Data Register (SPID)
Reads of this register return the data read from the receive data buffer. Writes to this register write data to
the transmit data buffer. When the SPI is configured as a master, writing data to the transmit data buffer
initiates an SPI transfer.
Data should not be written to the transmit data buffer unless the SPI transmit buffer empty flag (SPTEF)
is set, indicating there is room in the transmit buffer to queue a new transmit byte.
Data may be read from SPID any time after SPRF is set and before another transfer is finished. Failure to
read the data out of the receive data buffer before a new transfer ends causes a receive overrun condition
and the data from the new transfer is lost.
Table 15-7. SPIS Register Field Descriptions
Field
Description
7
SPRF
SPI Read Buffer Full Flag — SPRF is set at the completion of an SPI transfer to indicate that received data may
be read from the SPI data register (SPID). SPRF is cleared by reading SPRF while it is set, then reading the SPI
data register.
0 No data available in the receive data buffer
1 Data available in the receive data buffer
5
SPTEF
SPI Transmit Buffer Empty Flag — This bit is set when there is room in the transmit data buffer. It is cleared by
reading SPIS with SPTEF set, followed by writing a data value to the transmit buffer at SPID. SPIS must be read
with SPTEF = 1 before writing data to SPID or the SPID write will be ignored. SPTEF generates an SPTEF CPU
interrupt request if the SPTIE bit in the SPIC1 is also set. SPTEF is automatically set when a data byte transfers
from the transmit buffer into the transmit shift register. For an idle SPI (no data in the transmit buffer or the shift
register and no transfer in progress), data written to SPID is transferred to the shifter almost immediately so
SPTEF is set within two bus cycles allowing a second 8-bit data value to be queued into the transmit buffer. After
completion of the transfer of the value in the shift register, the queued value from the transmit buffer will
automatically move to the shifter and SPTEF will be set to indicate there is room for new data in the transmit
buffer. If no new data is waiting in the transmit buffer, SPTEF simply remains set and no data moves from the
buffer to the shifter.
0 SPI transmit buffer not empty
1 SPI transmit buffer empty
4
MODF
Master Mode Fault Flag — MODF is set if the SPI is configured as a master and the slave select input goes
low, indicating some other SPI device is also configured as a master. The SS pin acts as a mode fault error input
only when MSTR = 1, MODFEN = 1, and SSOE = 0; otherwise, MODF will never be set. MODF is cleared by
reading MODF while it is 1, then writing to SPI control register 1 (SPIC1).
0 No mode fault error
1 Mode fault error detected
76543210
R
Bit 7
654321
Bit 0
W
Reset
00000000
Figure 15-9. SPI Data Register (SPID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com