công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 234 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 234 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 230Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 231Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 232Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 233Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 234Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 235Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 236Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 237Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 341 page
background image
Chapter 15 Serial Peripheral Interface (S08SPIV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
230
Freescale Semiconductor
NOTE
Ensure that the SPI should not be disabled (SPE=0) at the same time as a bit change to the CPHA bit. These
changes should be performed as separate operations or unexpected behavior may occur.
15.4.2
SPI Control Register 2 (SPIC2)
This read/write register is used to control optional features of the SPI system. Bits 7, 6, 5, and 2 are not
implemented and always read 0.
4
MSTR
Master/Slave Mode Select
0 SPI module configured as a slave SPI device
1 SPI module configured as a master SPI device
3
CPOL
Clock Polarity — This bit effectively places an inverter in series with the clock signal from a master SPI or to a
slave SPI device. Refer to Section 15.5.1, “SPI Clock Formats” for more details.
0 Active-high SPI clock (idles low)
1 Active-low SPI clock (idles high)
2
CPHA
Clock Phase — This bit selects one of two clock formats for different kinds of synchronous serial peripheral
devices. Refer to Section 15.5.1, “SPI Clock Formats” for more details.
0 First edge on SPSCK occurs at the middle of the first cycle of an 8-cycle data transfer
1 First edge on SPSCK occurs at the start of the first cycle of an 8-cycle data transfer
1
SSOE
Slave Select Output Enable — This bit is used in combination with the mode fault enable (MODFEN) bit in
SPCR2 and the master/slave (MSTR) control bit to determine the function of the SS pin as shown in Table 15-2.
0
LSBFE
LSB First (Shifter Direction)
0 SPI serial data transfers start with most significant bit
1 SPI serial data transfers start with least significant bit
Table 15-2. SS Pin Function
MODFEN
SSOE
Master Mode
Slave Mode
0
0
General-purpose I/O (not SPI)
Slave select input
0
1
General-purpose I/O (not SPI)
Slave select input
10
SS input for mode fault
Slave select input
1
1
Automatic SS output
Slave select input
76543210
R
000
MODFEN
BIDIROE
0
SPISWAI
SPC0
W
Reset
00000000
= Unimplemented or Reserved
Figure 15-6. SPI Control Register 2 (SPIC2)
Table 15-1. SPIC1 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com