công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 231 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 231 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 227Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 228Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 229Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 230Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 231Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 232Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 233Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 234Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 341 page
background image
Chapter 15 Serial Peripheral Interface (S08SPIV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
227
Figure 15-3. SPI Module Block Diagram
15.1.3
SPI Baud Rate Generation
As shown in Figure 15-4, the clock source for the SPI baud rate generator is the bus clock. The three
prescale bits (SPPR2:SPPR1:SPPR0) choose a prescale divisor of 1, 2, 3, 4, 5, 6, 7, or 8. The three rate
select bits (SPR2:SPR1:SPR0) divide the output of the prescaler stage by 2, 4, 8, 16, 32, 64, 128, or 256
to get the internal SPI master mode bit-rate clock.
SPI SHIFT REGISTER
SHIFT
CLOCK
SHIFT
DIRECTION
Rx BUFFER
FULL
Tx BUFFER
EMPTY
SHIFT
OUT
SHIFT
IN
ENABLE
SPI SYSTEM
CLOCK
LOGIC
CLOCK GENERATOR
BUS RATE
CLOCK
MASTER/SLAVE
MODE SELECT
MODE FAULT
DETECTION
MASTER CLOCK
SLAVE CLOCK
SPI
INTERRUPT
REQUEST
PIN CONTROL
M
S
MASTER/
SLAVE
MOSI
(MOMI)
MISO
(SISO)
SPSCK
SS
M
S
S
M
MODF
SPE
LSBFE
MSTR
SPRF
SPTEF
SPTIE
SPIE
MODFEN
SSOE
SPC0
BIDIROE
SPIBR
Tx BUFFER (WRITE SPID)
Rx BUFFER (READ SPID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com