công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 229 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 229 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 225Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 226Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 227Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 228Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 229Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 230Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 231Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 232Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 233Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 341 page
background image
Chapter 15 Serial Peripheral Interface (S08SPIV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
225
15.1.1
Features
Features of the SPI module include:
•
Master or slave mode operation
•
Full-duplex or single-wire bidirectional option
•
Programmable transmit bit rate
•
Double-buffered transmit and receive
•
Serial clock phase and polarity options
•
Slave select output
•
Selectable MSB-first or LSB-first shifting
15.1.2
Block Diagrams
This section includes block diagrams showing SPI system connections, the internal organization of the SPI
module, and the SPI clock dividers that control the master mode bit rate.
15.1.2.1
SPI System Block Diagram
Figure 15-2 shows the SPI modules of two MCUs connected in a master-slave arrangement. The master
device initiates all SPI data transfers. During a transfer, the master shifts data out (on the MOSI pin) to the
slave while simultaneously shifting data in (on the MISO pin) from the slave. The transfer effectively
exchanges the data that was in the SPI shift registers of the two SPI systems. The SPSCK signal is a clock
output from the master and an input to the slave. The slave device must be selected by a low level on the
slave select input (SS pin). In this system, the master device has configured its SS pin as an optional slave
select output.
Figure 15-2. SPI System Connections
7
6
5
4
3
2
1
0
SPI SHIFTER
CLOCK
GENERATOR
7
6
5
4
3
2
1
0
SPI SHIFTER
SS
SPSCK
MISO
MOSI
SS
SPSCK
MISO
MOSI
MASTER
SLAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com