| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TST12AS00 bảng dữ liệu(PDF) 39 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TST12AS00 bảng dữ liệu(HTML) 39 Page - ITT Industries |
|
39 / 96 page ![]() 39 www.ittcannon.com Dimensions shown in mm (inch) Specifications and dimensions subject to change Ø C Standard Plug for Pin Contacts Metal Locking Ring • For Wire Sealing Ranges, see page 38. • Accepts pin contacts, see page 64. • Water sealed to IP67. Shell Power Signal Size Contacts Contacts Part Number Nomenclature Part Number Nomenclature A ØB ØC D 14 00 12 192900-0303 TN6S14-0012P1L 192900-0318 TN6S14-0012P1B 38,80 (1.527) 24,30 (.957) 28,00 (1.102) 19,10 ±0,20 (.751 ±.007) 16 00 19 192900-0017 TN6S16-0019P1L 192900-0013 TN6S16-0019P1B 39,80 (1.566) 27,00 (1.063) 30,20 (1.189) 19,10 ±0,20 (.751 ±.007) 16 02 13 192900-0507 TN6S16-0213P1L 192900-0510 TN6S16-0213P1B 39,80 (1.566) 27,00 (1.063) 30,20 (1.189) 19,10 ±0,20 (.751 ±.007) 24 00 48 192900-0469 TN6S24-0048P1L 192900-0472 TN6S24-0048P1B 39,80 (1.566) 40,50 (1.594) 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 04 20 192900-0014 TN6S24-0420P1L 192990-9430 TN6S24-0420P1B 39,80 (1.566) 40,50 (1.594) 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 04 28 192900-0015 TN6S24-0428P1L 192900-0012 TN6S24-0428P1B 39,80 (1.566) 40,50 (1.594) 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 12 19 192900-0016 TN6S24-1219P1L 192990-9380 TN6S24-1219P1B 39,80 (1.566) 40,50 (1.594) 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 00 48 (L) 192991-0628 TN6L24-0048P1L * TN6L24-0048P1B 50,70 (2.000) 40,50 (1.594) 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) Shell Power Signal Size Contacts Contacts Part Number Nomenclature Part Number Nomenclature A ØB ØC D 14 00 12 * TN6G14-0012P1L 192900-0319 TN6G14-0012P1B - 13/16 – 20 UNEF 28,00 (1.102) 19,10 ±0,20 (.751 ±.007) 16 00 19 * TN6G16-0019P1L 192900-0485 TN6G16-0019P1B - 15/16 – 20 UNEF 30,20 (1.189) 19,10 ±0,20 (.751 ±.007) 24 00 48 * TN6G24-0048P1L 192900-0473 TN6G24-0048P1B - 1-7/16 – 18 UNEF 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 04 20 * TN6G24-0420P1L 192900-0092 TN6G24-0420P1B - 1-7/16 – 18 UNEF 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 04 28 * TN6G24-0428P1L 192990-0093 TN6G24-0428P1B - 1-7/16 – 18 UNEF 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 12 19 * TN6G24-1219P1L 192900-0094 TN6G24-1219P1B - 1-7/16 – 18 UNEF 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) Shell Power Signal Size Contacts Contacts Part Number Nomenclature Part Number Nomenclature A ØB ØC D 16 02 13 * TN6U16-0213P1L * TN6U16-0213P1B 34,70 (1.366) 15/16 – 20 UNEF 30,20 (1.189) 19,10 ±0,20 (.751 ±.007) 24 04 20 * TN6U24-0420P1L * TN6U24-0420P1B 35,70 (1.406) 1-7/16 – 18 UNEF 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 04 28 * TN6U24-0428P1L * TN6U24-0428P1B 35,70 (1.406) 1-7/16 – 18 UNEF 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) 24 12 19 * TN6U24-1219P1L * TN6U24-1219P1B 35,70 (1.406) 1-7/16 – 18 UNEF 44,00 (1.732) 14,72 ±0,15 (.580 ±.006) Without Securing Nut With Wire Seal and Securing Nut Unsealed - Without Wire Seal and Securing Nut Single Piece Connector Bulk Packages (100 Connectors) Single Piece Connector Bulk Packages (100 Connectors) Single Piece Connector Bulk Packages (100 Connectors) Contact Layout Contact Layout Contact Layout Cannon Trident Connectors Neptune Circular Connectors * For details please consult the factory |