công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TST12AS00 bảng dữ liệu(PDF) 32 Page - ITT Industries

tên linh kiện TST12AS00
Giải thích chi tiết về linh kiện  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00 bảng dữ liệu(HTML) 32 Page - ITT Industries

Back Button TST12AS00 Datasheet HTML 28Page - ITT Industries TST12AS00 Datasheet HTML 29Page - ITT Industries TST12AS00 Datasheet HTML 30Page - ITT Industries TST12AS00 Datasheet HTML 31Page - ITT Industries TST12AS00 Datasheet HTML 32Page - ITT Industries TST12AS00 Datasheet HTML 33Page - ITT Industries TST12AS00 Datasheet HTML 34Page - ITT Industries TST12AS00 Datasheet HTML 35Page - ITT Industries TST12AS00 Datasheet HTML 36Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
32
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Ringlock Circular Connectors
Cannon Trident Connectors
Reversed Receptacle
for Pin Contacts
• Mates with Reversed Plugs, see page 31.
• Accepts pin contacts, see page 64.
• Printed Circuit contacts are available, see page 64.
Panel Cutout
ØJ = Flange in Front of Panel
ØH = Flange at Rear of Panel
Dimensions
Shell Number of
A
B
C
ØD
E
F
ØG
ØH
ØJ
Accessory
Size
Contacts
max.
±0,15 (.005) ±0,20 (.007) ±0,15 (.005) ±0,15 (.005) ±0,25 (.009) ±0,10 (.003) ±0,10 (.003) ±0,10 (.003)
Thread
10
4
31,50 (1.240)
2,30 (.091) 11,35 (.447)
15,00 (.591)
18,00 (.709)
23,50 (.925)
3,25 (.128)
17,30 (.681)
15,10 (.594)
9/16 - 24 UNEF
12
8
31,50 (1.240)
2,30 (.091) 11,35 (.447)
19,00 (.748)
20,50 (.807)
26,20 (1.031) 3,25 (.128)
21,80 (.858)
18,20 (.716) 11/16 - 24 UNEF
14
12
31,50 (1.240)
2,30 (.091) 11,35 (.447)
22,20 (.874)
22,60 (.890)
28,15 (1.108) 3,25 (.128)
25,00 (.984)
21,40 (.842) 13/16 - 20 UNEF
16
19
31,50 (1.240)
2,30 (.091) 11,35 (.447) 25,40 (1.000) 24,20 (.953)
30,50 (1.200) 3,25 (.128) 28,10 (1.106)
24,60 (.968) 15/16 - 20 UNEF
18
7
34,20 (1.346)
2,30 (.091) 17,80 (.700) 28,50 (1.122) 27,00 (1.063)
33,30 (1.311) 3,25 (.128) 31,30 (1.232) 27,80 (1.094) 1-1/16 - 18 UNEF
18
23
31,50 (1.240)
2,50 (.098) 11,35 (.447) 28,50 (1.122) 26,90 (1.059)
33,30 (1.311) 3,25 (.128) 31,30 (1.232) 27,80 (1.094) 1-1/16 - 18 UNEF
20
28
33,00 (1.299)
2,50 (.098) 14,55 (.573) 31,70 (1.248) 29,20 (1.150)
36,50 (1.437) 3,25 (.128) 34,50 (1.358) 30,90 (1.216) 1-3/16 - 18 UNEF
22
35
33,00 (1.299)
3,50 (.138) 14,55 (.573) 34,90 (1.374) 31,60 (1.244)
39,70 (1.563) 3,25 (.128) 37,70 (1.484) 34,10 (1.342) 1-5/16 - 18 UNEF
24
48
34,80 (1.370)
3,50 (.138) 15,35 (.604) 38,05 (1.498) 34,45 (1.356)
42,90 (1.689) 3,90 (.154) 40,90 (1.610) 37,30 (1.468) 1-7/16 - 18 UNEF
Part Numbers - Single Piece Connector
Number of
Unsealed
Shell Size
Contacts
Part Number
Nomenclature
10
4
192926-0440
TR1004RMS1NB
12
8
192926-0450
TR1208RMS1NB
14
12
192926-0460
TR1412RMS1NB
16
19
192926-0470
TR1619RMS1NB
18
7
192990-1360
TR1807RMS1NB
18
23
192990-1350
TR1823RMS1NB
20
28
192926-0480
TR2028RMS1NB
22
35
192926-0490
TR2235RMS1NB
24
48
192990-1370
TR2448RMS1NB
Sealed (see important note below)
Part Number
Nomenclature
192990-1760
TR1004RMH1NB
192990-1770
TR1208RMH1NB
192990-1780
TR1412RMH1NB
192990-1790
TR1619RMH1NB
192990-1800
TR1807RMH1NB
192990-1810
TR1823RMH1NB
192990-1820
TR2028RMH1NB
192990-1830
TR2235RMH1NB
192990-1840
TR2448RMH1NB
IMPORTANT NOTE: Sealed Connectors
A sealed receptacle has an O-Ring seal that blocks moisture when the plug and receptacle are
mated. However, the receptacle is not sealed in an unmated condition. For protection, dust caps
are recommended for unmated receptacles, see page 34.
Plug connectors using a sealed cable clamp (see page 35) with jacketed cable
will meet IP65 when mated to a sealed receptacle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96