công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 144 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 144 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 140Page - Altera Corporation PLL2_C1 Datasheet HTML 141Page - Altera Corporation PLL2_C1 Datasheet HTML 142Page - Altera Corporation PLL2_C1 Datasheet HTML 143Page - Altera Corporation PLL2_C1 Datasheet HTML 144Page - Altera Corporation PLL2_C1 Datasheet HTML 145Page - Altera Corporation PLL2_C1 Datasheet HTML 146Page - Altera Corporation PLL2_C1 Datasheet HTML 147Page - Altera Corporation PLL2_C1 Datasheet HTML 148Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 274 page
background image
8–2
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
Cyclone III Device Family Memory Interfaces Pin Support
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Figure 8–1 shows the block diagram of a typical external memory interface data path
in Cyclone III device family.
Cyclone III Device Family Memory Interfaces Pin Support
Cyclone III device family uses data (DQ), data strobe (DQS), clock, command, and
address pins to interface with external memory. Some memory interfaces use the data
mask (DM) or byte write select (BWS#) pins to enable data masking. This section
describes how Cyclone III device family supports all these different pins.
Data and Data Clock/Strobe Pins
Cyclone III device family data pins for external memory interfaces are called D for
write data, Q for read data, or DQ for shared read and write data pins. The read-data
strobes or read clocks are called DQS pins. Cyclone III device family supports both
bidirectional data strobes and unidirectional read clocks. Depending on the external
memory standard, the DQ and DQS are bidirectional signals (in DDR2 and
DDR SDRAM) or unidirectional signals (in QDR II SRAM). Connect the bidirectional
DQ
data signals to the same Cyclone III device family DQ pins. For unidirectional D or Q
signals, connect the read-data signals to a group of DQ pins and the write-data signals
to a different group of DQ pins.
1 In QDR II SRAM, the Q read-data group must be placed at a different VREF bank
location from the D write-data group, command, or address pins.
In Cyclone III device family, DQS is used only during write mode in DDR2 and
DDR SDRAM interfaces. Cyclone III device family ignores DQS as the read-data strobe
because the PHY internally generates the read capture clock for read mode. However,
you must connect the DQS pin to the DQS signal in DDR2 and DDR SDRAM interfaces,
or to the CQ signal in QDR II SRAM interfaces.
Figure 8–1. Cyclone III Device Family External Memory Data Path (1)
Note to Figure 8–1:
(1) All clocks shown here are global clocks.
DQS/CQ/CQn
OE
VCC
PLL
GND
System Clock
DQ
OE
DataA
DataB
-90° Shifted Clock
IOE
Register
IOE
Register
IOE
Register
IOE
Register
IOE
Register
IOE
Register
IOE
Register
LE
Register
LE
Register
LE
Register
IOE
Register
Capture Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com