| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C1 bảng dữ liệu(PDF) 142 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 bảng dữ liệu(HTML) 142 Page - Altera Corporation |
|
142 / 274 page ![]() 7–20 Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family Document Revision History Cyclone III Device Handbook December 2011 Altera Corporation Volume 1 May 2008 1.2 Changes include addition of BLVD information ■ Updated “Introduction” section with BLVDS information. ■ Updated Figure 7–1 with BLVDS information and added Note 5. ■ Updated Table 7–1 and added BLVDS information. ■ Updated “Cyclone III High-Speed I/O Banks” section with BLVDS information. ■ Updated Table 7–2 and 7–6. ■ Added new section “BLVDS I/O Standard Support in Cyclone III Devices”. ■ Updated Note 4 to Figure 7–4. ■ Updated Note 1 to Figure 7–10. ■ Updated Note 1 to Figure 7–11. ■ Updated Note 1 to Figure 7–14. ■ Updated “Mini-LVDS I/O Standard Support in Cyclone III Devices” section. ■ Updated Note 1 to Figure 7–17. ■ Updated “LVPECL I/O Support in Cyclone III Devices” section. ■ Added new Figure 7–18. July 2007 1.1 ■ Added note that PLL output clock pins do not support Class II type of selected differential I/O standards. ■ Added Table 8–3 that lists the number of differential channels which are migratable across densities and packages. ■ Updated (Note 4) to Figure 7–1. ■ Updated (Note 3) to Table 7–1. ■ Added new Table 7–3. ■ Added (Note 1) to Figure 7–21. ■ Added (Note 1) to Figure 7–23. ■ Added chapter TOC and “Referenced Documents” section. March 2007 1.0 Initial release. Table 7–6. Document Revision History (Part 2 of 2) Date Version Changes |