| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLK13_7P bảng dữ liệu(PDF) 9 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
CLK13_7P bảng dữ liệu(HTML) 9 Page - Altera Corporation |
|
9 / 274 page ![]() August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Chapter Revision Dates The chapters in this document, Cyclone III Device Handbook, were revised on the following dates. Where chapters or groups of chapters are available separately, part numbers are listed. Chapter 1. Cyclone III Device Family Overview Revised: July 2012 Part Number: CIII51001-2.4 Chapter 2. Logic Elements and Logic Array Blocks in the Cyclone III Device Family Revised: December 2011 Part Number: CIII51002-2.3 Chapter 3. Memory Blocks in the Cyclone III Device Family Revised: December 2011 Part Number: CIII51004-2.3 Chapter 4. Embedded Multipliers in the Cyclone III Device Family Revised: December 2011 Part Number: CIII51005-2.3 Chapter 5. Clock Networks and PLLs in the Cyclone III Device Family Revised: July 2012 Part Number: CIII51006-4.1 Chapter 6. I/O Features in the Cyclone III Device Family Revised: July 2012 Part Number: CIII51007-3.4 Chapter 7. High-Speed Differential Interfaces in the Cyclone III Device Family Revised: December 2011 Part Number: CIII51008-4.0 Chapter 8. External Memory Interfaces in the Cyclone III Device Family Revised: July 2012 Part Number: CIII51009-3.1 Chapter 9. Configuration, Design Security, and Remote System Upgrades in the Cyclone III De- vice Family Revised: August 2012 Part Number: CIII51016-2.2 Chapter 10. Hot-Socketing and Power-On Reset in the Cyclone III Device Family Revised: July 2012 Part Number: CIII51011-3.4 Chapter 11. SEU Mitigation in the Cyclone III Device Family Revised: December 2011 Part Number: CIII51013-2.3 |