| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM9DS0 bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM9DS0 bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 74 page ![]() Register description LSM9DS0 58/74 DocID024763 Rev 2 8.42 CTRL_REG4_XM (23h) Table 79. CTRL_REG3_XM description P1_BOOT Boot on INT1_XM pin enable. Default value: 0 (0: disable; 1: enable) P1_TAP Tap generator interrupt on INT1_XM pin. Default value: 0 (0: disable; 1: enable) P1_INT1 Inertial interrupt generator 1 on INT1_XM pin. Default value: 0 (0: disable; 1: enable) P1_INT2 Inertial interrupt generator 2 on INT1_XM pin. Default value: 0 (0: disable; 1: enable) P1_INTM Magnetic interrupt generator on INT1_XM pin. Default value: 0 (0: disable; 1: enable) P1_DRDYA Accelerometer data-ready signal on INT1_XM pin. Default value: 0 (0: disable; 1: enable) P1_DRDYM Magnetometer data-ready signal on INT1_XM pin. Default value: 0 (0: disable; 1: enable) P1_EMPTY FIFO empty indication on INT1_XM pin. Default value: 0 (0: disable; 1: enable) Table 80. CTRL_REG4_XM register P2_TAP P2_INT1 P2_INT2 P2_INTM P2_DRDYA P2_DRDYM P2_Overrun P2_WTM Table 81. CTRL_REG4_XM description P2_TAP Tap generator interrupt on INT2_XM pin. Default value: 0 (0: disable; 1: enable) P2_INT1 Inertial interrupt generator 1 on INT2_XM pin. Default value: 0 (0: disable; 1: enable) P2_INT2 Inertial interrupt generator 2 on INT2_XM pin. Default value: 0 (0: disable; 1: enable) P2_INTM Magnetic interrupt generator on INT2_XM pin. Default value: 0 (0: disable; 1: enable) P2_DRDYA Accelerometer data-ready signal on INT2_XM pin. Default value: 0 (0: disable; 1: enable) P2_DRDYM Magnetometer data-ready signal on INT2_XM pin. Default value: 0 (0: disable; 1: enable) P2_Overrun FIFO overrun interrupt on INT2_XM pin. Default value: 0 (0: disable; 1: enable) P2_WTM FIFO watermark interrupt on INT2_XM pin. Default value: 0 (0: disable; 1: enable) |