| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ32GP202TH/MM bảng dữ liệu(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/MM bảng dữ liệu(HTML) 78 Page - Microchip Technology |
|
78 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 78 Preliminary 2009 Microchip Technology Inc. EXAMPLE 5-2: LOADING THE WRITE BUFFERS EXAMPLE 5-3: INITIATING A PROGRAMMING SEQUENCE ; Set up NVMCON for row programming operations MOV #0x4001, W0 ; MOV W0, NVMCON ; Initialize NVMCON ; Set up a pointer to the first program memory location to be written ; program memory selected, and writes enabled MOV #0x0000, W0 ; MOV W0, TBLPAG ; Initialize PM Page Boundary SFR MOV #0x6000, W0 ; An example program memory address ; Perform the TBLWT instructions to write the latches ; 0th_program_word MOV #LOW_WORD_0, W2 ; MOV #HIGH_BYTE_0, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 1st_program_word MOV #LOW_WORD_1, W2 ; MOV #HIGH_BYTE_1, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; 2nd_program_word MOV #LOW_WORD_2, W2 ; MOV #HIGH_BYTE_2, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch • • • ; 63rd_program_word MOV #LOW_WORD_31, W2 ; MOV #HIGH_BYTE_31, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch DISI #5 ; Block all interrupts with priority <7 ; for next 5 instructions MOV #0x55, W0 MOV W0, NVMKEY ; Write the 55 key MOV #0xAA, W1 ; MOV W1, NVMKEY ; Write the AA key BSET NVMCON, #WR ; Start the erase sequence NOP ; Insert two NOPs after the NOP ; erase command is asserted |