| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ32GP202TH/MM bảng dữ liệu(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/MM bảng dữ liệu(HTML) 33 Page - Microchip Technology |
|
33 / 403 page ![]() 2009 Microchip Technology Inc. Preliminary DS70292D-page 33 dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 TABLE 3-1: DSP INSTRUCTIONS SUMMARY FIGURE 3-3: DSP ENGINE BLOCK DIAGRAM Instruction Algebraic Operation ACC Write Back CLR A = 0 Yes ED A = (x – y)2 No EDAC A = A + (x – y)2 No MAC A = A + (x • y) Yes MAC A = A + x2 No MOVSAC No change in A Yes MPY A = x • y No MPY A = x 2 No MPY.N A = – x • y No MSC A = A – x • y Yes Zero Backfill Sign-Extend Barrel Shifter 40-bit Accumulator A 40-bit Accumulator B Round Logic To/From W Array Adder Saturate Negate 32 32 33 16 16 16 16 40 40 40 40 S a t u r a t e 40 Carry/Borrow Out Carry/Borrow In 16 40 Multiplier/Scaler 17-bit |