công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BK-M bảng dữ liệu(PDF) 15 Page - General Semiconductor

tên linh kiện BK-M
Giải thích chi tiết về linh kiện  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GE [General Semiconductor]
Trang chủ  http://www.vishay.com
Logo GE - General Semiconductor

BK-M bảng dữ liệu(HTML) 15 Page - General Semiconductor

Back Button BK-M Datasheet HTML 11Page - General Semiconductor BK-M Datasheet HTML 12Page - General Semiconductor BK-M Datasheet HTML 13Page - General Semiconductor BK-M Datasheet HTML 14Page - General Semiconductor BK-M Datasheet HTML 15Page - General Semiconductor BK-M Datasheet HTML 16Page - General Semiconductor BK-M Datasheet HTML 17Page - General Semiconductor BK-M Datasheet HTML 18Page - General Semiconductor BK-M Datasheet HTML 19Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Lineage Power
15
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Thermal Considerations (continued)
Air Velocity (continued)
8-988(C)
Figure 20. Total Power Dissipation vs. Local
Ambient Temperature and Air Velocity
8-989(C)
Figure 21. Case-to-Ambient Thermal Resistance vs.
Air Velocity
Use of Heat Sinks and Cold Plates
The DW025-Series case includes through-threaded
M3 x 0.5 mounting holes allowing attachment of heat
sinks or cold plates from either side of the module. The
mounting torque must not exceed 0.56 N/m (5 in.-lb.).
The following thermal model can be used to determine
the required thermal resistance of the sink to provide
the necessary cooling:
where PD is the power dissipated by the module,
θCS
represents the interfacial contact resistance between
the module and the sink, and
θSA is the sink-to-ambient
thermal impedance (°C/W). For thermal grease or foils,
a value of
θCS = 0.1 °C/W—0.3 °C/W is typical.
The required
θSA is calculated from the following equa-
tion:
θSA = [(Tc – TA)/PD] – θCS
Note that this equation assumes that all dissipated
power must be shed by the heat sink. Depending on
the user-defined application environment, a more accu-
rate model including heat transfer from the sides and
bottom of the module can be used. This equation pro-
vides a conservative estimate in such instances.
For further information, refer to the
Thermal Energy
Management CC-, CW-, DC-, and DW-Series 25 W
to 30 W Board-Mounted Power Modules Technical
Note.
40
50
60
90
100
0.0
4.0
5.0
6.0
10.0
LOCAL AMBIENT TEMPERATURE, TA (
°C)
7.0
8.0
9.0
70
80
3.0
2.0
1.0
2.03 ms –1 (400 ft./min)
NATURAL
CONVECTION
1.02 ms –1 (200 ft./min)
0.51 ms –1 (100 ft./min)
0.31 ms –1 (60 ft./min)
NAT
CONV
0.25
(50)
0.51
(100)
0.76
(150)
1.78
(350)
2.03
(400)
0.0
1.0
2.0
3.0
7.0
VELOCITY ms –1 (ft./min.)
4.0
5.0
6.0
1.02
(200)
1.27
(250)
1.52
(300)
PD
θCS
TA
Tc
l
Ts
θSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com