| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5TC2G63FFR-RDA bảng dữ liệu(PDF) 28 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC2G63FFR-RDA bảng dữ liệu(HTML) 28 Page - Hynix Semiconductor |
|
28 / 32 page ![]() Rev. 1.1 / Apr. 2013 28 DDR3L-1333 Speed Bins For specific Notes See "Speed Bin Table Notes" on page 31. Speed Bin DDR3L-1333H Unit Note CL - nRCD - nRP 9-9-9 Parameter Symbol min max Internal read command to first data tAA 13.5 (13.125)5,10 20 ns ACT to internal read or write delay time tRCD 13.5 (13.125)5,10 —ns PRE command period tRP 13.5 (13.125)5,10 —ns ACT to ACT or REF command period tRC 49.5 (49.125)5,10 —ns ACT to PRE command period tRAS 36 9 * tREFI ns CL = 5 CWL = 5 tCK(AVG) 3.0 3.3 ns 1,2,3,4,7,11,12 CWL = 6, 7 tCK(AVG) Reserved ns 4 CL = 6 CWL = 5 tCK(AVG) 2.5 3.3 ns 1,2,3,7 CWL = 6 tCK(AVG) Reserved ns 1,2,3,4,7 CWL = 7 tCK(AVG) Reserved ns 4 CL = 7 CWL = 5 tCK(AVG) Reserved ns 4 CWL = 6 tCK(AVG) 1.875 < 2.5 ns 1,2,3,4,7 (Optional)5,10 CWL = 7 tCK(AVG) Reserved ns 1,2,3,4 CL = 8 CWL = 5 tCK(AVG) Reserved ns 4 CWL = 6 tCK(AVG) 1.875 < 2.5 ns 1,2,3,7 CWL = 7 tCK(AVG) Reserved ns 1,2,3,4 CL = 9 CWL = 5, 6 tCK(AVG) Reserved ns 4 CWL = 7 tCK(AVG) 1.5 <1.875 ns 1,2,3,4 CL = 10 CWL = 5, 6 tCK(AVG) Reserved ns 4 CWL = 7 tCK(AVG) 1.5 <1.875 ns 1,2,3 (Optional) ns 5 Supported CL Settings 5, 6, 7, 8, 9, 10 nCK Supported CWL Settings 5, 6, 7 nCK |