công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X40034SC bảng dữ liệu(PDF) 13 Page - Intersil Corporation

tên linh kiện X40034SC
Giải thích chi tiết về linh kiện  Triple Voltage Monitor with Integrated CPU Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40034SC bảng dữ liệu(HTML) 13 Page - Intersil Corporation

Back Button X40034SC Datasheet HTML 9Page - Intersil Corporation X40034SC Datasheet HTML 10Page - Intersil Corporation X40034SC Datasheet HTML 11Page - Intersil Corporation X40034SC Datasheet HTML 12Page - Intersil Corporation X40034SC Datasheet HTML 13Page - Intersil Corporation X40034SC Datasheet HTML 14Page - Intersil Corporation X40034SC Datasheet HTML 15Page - Intersil Corporation X40034SC Datasheet HTML 16Page - Intersil Corporation X40034SC Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
FN8114.2
August 25, 2008
FIGURE 9. ACKNOWLEDGE RESPONSE FROM RECEIVER
In the read mode, the device will transmit 8-bits of data,
release the SDA line, then monitor the line for an
acknowledge. If an acknowledge is detected and no stop
condition is generated by the master, the device will continue
to transmit data. The device will terminate further data
transmissions if an acknowledge is not detected. The master
must then issue a stop condition to return the device to
Standby mode and place the device into a known state.
Serial Write Operations
Byte Write
For a write operation, the device requires the Slave Address
Byte and a Word Address Byte. This gives the master access
to any one of the words in the array. After receipt of the Word
Address Byte, the device responds with an acknowledge, and
awaits the next eight bits of data. After receiving the 8 bits of
the Data Byte, the device again responds with an
acknowledge. The master then terminates the transfer by
generating a stop condition, at which time the device begins
the internal write cycle to the nonvolatile memory. During this
internal write cycle, the device inputs are disabled, so the
device will not respond to any requests from the master. The
SDA output is at high impedance. See Figure 10.
A write to a protected block of memory will suppress the
acknowledge bit.
Stops and Write Modes
Stop conditions that terminate write operations must be sent
by the master after sending at least 1 full data byte plus the
subsequent ACK signal. If a stop is issued in the middle of a
data byte, or before 1 full data byte plus its associated ACK
is sent, then the device will reset itself without performing the
write. The contents of the array will not be effected.
Acknowledge Polling
The disabling of the inputs during high voltage cycles can be
used to take advantage of the typical 5ms write cycle time.
Once the stop condition is issued to indicate the end of the
master’s byte load operation, the device initiates the internal
high voltage cycle. Acknowledge polling can be initiated
immediately. To do this, the master issues a start condition
followed by the Slave Address Byte for a write or read
operation. If the device is still busy with the high voltage
cycle then no ACK will be returned. If the device has
completed the write operation, an ACK will be returned and
the host can then proceed with the read or write operation.
See Figure 10.
Serial Read Operations
Read operations are initiated in the same manner as write
operations with the exception that the R/W bit of the Slave
Address Byte is set to one. There are three basic read
operations: Current Address Reads, Random Reads, and
Sequential Reads.
DATA OUTPUT FROM
TRANSMITTER
DATA OUTPUT
FROM RECEIVER
8
1
9
START
ACKNOWLEDGE
SCL FROM
MASTER
ACK
RETURNED?
ISSUE SLAVE
ADDRESS BYTE
(READ OR WRITE)
BYTE LOAD
COMPLETED BY
ISSUING STOP.
ENTER ACK POLLING
ISSUE STOP
ISSUE START
NO
YES
HIGH VOLTAGE CYCLE
COMPLETE. CONTINUE
COMMAND SEQUENCE?
ISSUE STOP
NO
CONTINUE NORMAL
READ OR WRITE
COMMAND SEQUENCE
PROCEED
YES
FIGURE 10. ACKNOWLEDGE POLLING SEQUENCE
X40030, X40031, X40034, X40035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com