| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
31270 bảng dữ liệu(PDF) 24 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31270 bảng dữ liệu(HTML) 24 Page - Tyco Electronics |
|
24 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 24 Rectangular Tongue Terminals Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud L E C W X Thickness Solistrand Budget Solistrand Budget [mm2] Size Max. Max. Min. Max. 2 .551 .431 .250 .182 .115 .033 — .065 — 320870 M2 14.00 10.95 6.35 4.62 2.92 0.84 1.65 .529 .384 .203 .213 .140 .033 — .065 — 32579 13.44 9.75 5.16 5.41 3.56 0.84 1.65 4 .670 .517 .237 .237 .143 .033 .061 .065 328363 328349 17.02 13.13 6.02 6.02 3.63 0.84 1.55 1.65 .551 .431 .250 .182 .115 .033 .061 .065 323119 322408 14.00 10.95 6.35 4.62 2.92 0.84 1.55 1.65 .811 .606 .404 .237 .195 .033 — .065 — 327955 20.60 15.39 10.26 6.02 4.95 0.84 1.65 22-16 6 .982 .745 .465 .302 .227 .033 .061 .065 328353 328339 509–3,260 M3.5 24.94 18.92 11.81 7.67 5.77 0.84 1.55 1.65 [0.26–1.65] .670 .462 .281 .312 .203 .033 .061 .065 323112 321691 17.02 11.73 7.14 7.92 5.16 0.84 1.55 1.65 8 .982 .745 .465 .302 .227 .033 .061 .065 328355 328341 M4 24.94 18.92 11.81 7.67 5.77 0.84 1.55 1.65 .748 .540 .281 .312 .203 .033 .061 — 330539 — 19.00 13.72 7.14 7.92 5.16 0.84 1.55 10 .670 .462 .281 .375 .203 .033 .061 .065 323106 34525 17.02 11.73 7.14 9.53 5.16 0.84 1.55 1.65 2-323106-1 .546 .399 .218 .344 .142 .033 .061 .065 34459 31821 13.87 10.13 5.54 8.74 3.61 0.84 1.55 1.65 4 .576 .462 .281 .215 .109 .033 — .089 — 31691 14.63 11.73 7.14 5.46 2.77 0.84 2.26 5 .632 .479 .277 .277 .143 .033 — .089 — 327951 M3 16.05 12.17 7.04 7.04 3.63 0.84 2.26 .560 .368 .187 .250 .187 .033 .085 .089 320815 320814 6 14.22 9.35 4.75 6.35 4.75 0.84 2.16 2.26 M3.5 .529 .384 .203 .296 .140 .033 .085 .089 34266 31813 16–14 13.44 9.75 5.16 7.52 3.56 0.84 2.16 2.26 2-34266-1 2,050–5,180 .633 .493 .312 .244 .125 .033 — .089 — 35278 [1.04–2.62] 8 16.08 12.52 7.92 6.20 3.18 0.84 2.26 M4 .982 .745 .465 .302 .227 .033 .085 .089 328356 328342 24.94 18.92 11.81 7.67 5.77 0.84 2.16 2.26 10 .717 .462 .281 .312 .250 .033 .085 .089 320819 320818 18.21 11.73 7.14 7.92 6.35 0.84 2.16 2.26 12 .951 .618 .437 .375 .328 .033 — .089 — 320820 24.16 15.70 11.10 9.53 8.33 0.84 2.26 Note: Part numbers are shown as loose piece over tape mounted product. Wire Size Range AWG 22 to 14, CMA 509 to 5,180 [0.26 to 2.62 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |