| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
31270 bảng dữ liệu(PDF) 23 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31270 bảng dữ liệu(HTML) 23 Page - Tyco Electronics |
|
23 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 23 Heavy Duty Ring Tongue Terminals (Continued) Wire Size Dimensions Material Circular Mils Stud Style L E C W Thickness Wire Barrel I.D. Min. Part Numbers [mm2] Size Max. Max. Max. Solistrand Solistrand 10 B 1.184 .931 .370 .500 .095 .232 2-330969-1 30.07 23.65 9.40 12.70 2.41 5.89 B 1.184 .931 .370 .500 .095 .232 330969 6 1/4 30.07 23.65 9.40 12.70 2.41 5.89 20,800–33,100 M6 C 1.415 1.100 .454 .625 .095 .232 331417 [10.5–16.8] 35.94 27.94 11.53 15.88 2.41 5.89 3/8 C 1.415 1.100 .454 .625 .095 .232 1-331417-1 35.94 27.94 11.53 15.88 2.41 5.89 B 1.230 .977 .390 .500 .095 .296 330970 1/4 31.24 24.82 9.91 12.70 2.41 7.52 4 M6 C 1.535 1.193 .456 .679 .095 .296 331420 33,100–52,600 38.99 30.30 11.58 17.25 2.41 7.52 [16.8–26.7] 5/16 C 1.535 1.193 .456 .679 .095 .296 1-331420-0 M8 38.99 30.30 11.58 17.25 2.41 7.52 3/8 C 1.535 1.193 .456 .679 .095 .296 1-331420-1 38.99 30.30 11.58 17.25 2.41 7.52 2 3/8 C 1.745 1.315 .639 .855 .095 .375 1-331423-0 52,600–83,700 44.32 33.40 16.23 21.72 2.41 9.53 [26.7–42.4] 1/2 C 1.745 1.315 .639 .855 .095 .375 1-331423-1 M12 44.32 33.40 16.23 21.72 2.41 9.53 1/0 3/8 B 1.928 1.519 .691 .822 .095 .439 1-331880-0 83,700–119,500 48.97 38.58 17.55 20.88 2.41 11.15 [42.4–60.6] 1/2 B 1.928 1.519 .691 .822 .095 .439 1-331880-1 M12 48.97 38.58 17.55 20.88 2.41 11.15 Wire Size Range AWG 6 to 1/0, CMA 20,800 to 119,500 [10.5 to 60.6 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 B C |