| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2422/MJ bảng dữ liệu(PDF) 9 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2422/MJ bảng dữ liệu(HTML) 9 Page - SMSC Corporation |
|
9 / 51 page ![]() 2-Port USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB2422 9 Revision 1.0 (06-04-13) DATASHEET Chapter 2 Pin Descriptions This chapter is organized by a set of pin configurations followed by a corresponding pin list organized by function according to their associated interface. A detailed description list of each signal (named in the pin list) is organized by function in Table 2.2, “USB2422 Pin Descriptions,” on page 11. Refer to Table 2.3, “Buffer Type Descriptions,” on page 14 for a list of buffer types. An N at the end of a signal name indicates that the active (asserted) state occurs when the signal is at a low voltage level. When the N is not present, the signal is asserted when it is at a high voltage level. The terms assertion and negation are used exclusively in order to avoid confusion when working with a mixture of active low and active high signals. The term assert, or assertion, indicates that a signal is active, independent of whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inactive. 2.1 Pin Configuration Figure 2.1 USB2422 24-Pin SQFN Thermal Slug (must be connected to VSS) 12 11 10 9 8 7 USBDP_UP 19 XTALOUT/(CLKIN_EN) 20 XTALIN/CLKIN 21 RBIAS 24 23 PLLFILT 22 USBDM_UP Indicates pins on the bottom of the device. OCS1_N PRTPWR1/(BC_EN1) VDD33 CRFILT PRTPWR2 OCS2_N SMSC USB2422 (Top View SQFN-24) |