| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCA103T bảng dữ liệu(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SCA103T bảng dữ liệu(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
|
3 / 17 page ![]() SCA103T Series Murata Electronics Oy Subject to changes 3/17 www.muratamems.fi Doc.Nr. 8261700 Rev.A3 1 Electrical Specifications The SCA103T product family consists of two versions, the SCA103T-D04 and the SCA103T-D05, that differ in measurement range. The specific performance specifications related to each version are listed in the table “SCA103T performance characteristics” below. All other specifications are common to both versions. The supply voltage is Vdd=5.00V and ambient temperature unless otherwise specified. Parameters marked as D are valid when measured in differential mode using an external differential amplifier. Parameters marked with S are for a single measurement channel. The performance of the selected amplifier may have an effect on some parameters. The differential signal is determined as Out_diff = Out1 – Out2. 1.1 Absolute Maximum Ratings Supply voltage (VDD) Voltage at input / output pins Storage temperature Operating temperature Mechanical shock -0.3 V to +5.5V -0.3V to (VDD + 0.3V) -55°C to +125°C -40°C to +125°C Drop from 1 meter onto a concrete surface (20000g). Powered or non-powered 1.2 Performance Characteristics Parameter D/S Condition SCA103T -D04 SCA103T -D05 Units Measuring range D Nominal ±15 ±0.26 ±30 ±0.5 ° g Frequency response S –3dB LP (1 8-28 8-28 Hz Offset (Output at 0g) S Ratiometric output Vdd/2 Vdd/2 V Offset calibration error S ±0.057 ±0.11 ° Offset Digital Output S 1024 1024 LSB Sensitivity D between 0…1° (2 16 280 8 140 V/g mV/° Sensitivity calibration error S ±0.5 ±0.5 % Sensitivity Digital Output D 6554 3277 LSB / g Offset temperature dependency D - 25…85°C (typical) ±0.002 ±0.002 °/°C - 40…125°C (max) ±0.29 ±0.29 ° Sensitivity temperature dependency D -25...85°C (typical) ±0.013 ±0.013 %/°C - 40…125°C (max) -2.5...+1 -2.5...+1 % Typical non-linearity D Measuring range ±0.057 ±0.11 ° Digital output resolution D between 0…1° (2 12 0.009 12 0.017 Bits ° / LSB Output noise density D From DC...100Hz 0.0004 0.0004 Hz / Analog output resolution D Bandwidth 10 Hz (3 0.0013 0.0013 ° Cross-axis sensitivity S Max. 4 4 % Ratiometric error S Vdd = 4.75...5.25V ±1 ±1 % Note 1. The frequency response is determined by the sensing element’s internal gas damping. Note 2. The angle output has SIN curve relationship to voltage output - refer to chapter 2.2 Note 3. Resolution = Noise density * √(bandwidth) |