công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCA103T bảng dữ liệu(PDF) 13 Page - Murata Manufacturing Co., Ltd.

tên linh kiện SCA103T
Giải thích chi tiết về linh kiện  THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA103T bảng dữ liệu(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button SCA103T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. SCA103T Datasheet HTML 17Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SCA103T Series
Murata Electronics Oy
Subject to changes
13/17
www.muratamems.fi
Doc.Nr. 8261700
Rev.A3
To obtain the differential digital output value, Dout, RDAY must be subtracted from RDAX.
Dout =
RDAX
– RDAY
The transfer function from differential digital output to angle can be presented as


LSB/g
LSB
LSB
arcsin
0
@
Sens
D
D
out
out
where;
Dout
differential digital output (
RDAX
– RDAY)
Dout@0°
digital offset value, nominal value = 0 in differential mode
angle
Sens
sensitivity of the device
. (SCA103T-D04: 6554, SCA103T-D05: 3277)
As an example, the following table contains SCA103T-D04 data register values and calculated
differential digital output values with -5, -1 0, 1 and 5 degree tilt angles.
Angle
[°]
Acceleration
[mg]
RDAX
RDAY
DOUT
(RDAX
–RDAY)
-5
-87.16
dec: 739
bin: 010 1110 0011
dec: 1309
bin: 101 0001 1101
dec: -570
-1
-17.45
dec: 967
bin: 011 1100 0111
dec: 1081
bin: 100 0011 1001
dec: -144
0
0
dec: 1024
bin: 100 0000 0000
dec: 1024
bin: 100 0000 0000
dec: 0
1
17.45
dec: 1081
bin: 100 0011 1001
dec: 967
bin: 011 1100 0111
dec: 114
5
87.16
dec: 1309
bin: 101 0001 1101
dec: 739
bin: 010 1110 0011
dec: 570
2.6
Self Test and Failure Detection Modes
To ensure reliable measurement results, the SCA103T has continuous interconnection failure and
calibration memory validity detection. A detected failure forces the output signal close to power
supply ground or VDD level, outside the normal output range. The normal output ranges are:
analog 0.25-4.75 V (@Vdd=5V) and SPI 102...1945 counts.
The calibration memory validity is verified by continuously running parity checks for the control
register memory content. In a case where a parity error is detected the control register is
automatically re-loaded from the EEPROM. If a new parity error is detected after re-loading data
both analog output voltages are forced to go close to ground level (<0.25 V) and SPI outputs goes
below 102 counts.
The SCA103T also includes a separate self test mode. The true self test simulates acceleration, or
deceleration, using an electrostatic force. The electrostatic force simulates acceleration that is high
enough to deflect the proof mass to its extreme positive position, and this causes the output signal
to go to the maximum value. The self test function is activated either by a separate on-off
command on the self test input, or through the SPI.
The self-
test generates an electrostatic force, deflecting the sensing element’s proof mass, thus
checking the complete signal path. The true self test performs following checks:
Sensing element movement check
ASIC signal path check
PCB signal path check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17