| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF6148 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6148 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 89 page ![]() STM8AF61xx, STM8AF62xx Memory and register map Doc ID 14952 Rev 6 35/89 0x00 5265 TIM1 TIM1_CCR1H TIM1 capture/compare register 1 high 0x00 0x00 5266 TIM1_CCR1L TIM1 capture/compare register 1 low 0x00 0x00 5267 TIM1_CCR2H TIM1 capture/compare register 2 high 0x00 0x00 5268 TIM1_CCR2L TIM1 capture/compare register 2 low 0x00 0x00 5269 TIM1_CCR3H TIM1 capture/compare register 3 high 0x00 0x00 526A TIM1_CCR3L TIM1 capture/compare register 3 low 0x00 0x00 526B TIM1_CCR4H TIM1 capture/compare register 4 high 0x00 0x00 526C TIM1_CCR4L TIM1 capture/compare register 4 low 0x00 0x00 526D TIM1_BKR TIM1 break register 0x00 0x00 526E TIM1_DTR TIM1 dead-time register 0x00 0x00 526F TIM1_OISR TIM1 output idle state register 0x00 0x00 5270 to 0x00 52FF Reserved area (147 bytes) 0x00 5300 TIM2 TIM2_CR1 TIM2 control register 1 0x00 0x00 5301 TIM2_IER TIM2 interrupt enable register 0x00 0x00 5302 TIM2_SR1 TIM2 status register 1 0x00 0x00 5303 TIM2_SR2 TIM2 status register 2 0x00 0x00 5304 TIM2_EGR TIM2 event generation register 0x00 0x00 5305 TIM2_CCMR1 TIM2 capture/compare mode register 1 0x00 0x00 5306 TIM2_CCMR2 TIM2 capture/compare mode register 2 0x00 0x00 5307 TIM2_CCMR3 TIM2 capture/compare mode register 3 0x00 0x00 5308 TIM2_CCER1 TIM2 capture/compare enable register 1 0x00 0x00 5309 TIM2_CCER2 TIM2 capture/compare enable register 2 0x00 0x00 530A TIM2_CNTRH TIM2 counter high 0x00 0x00 530B TIM2_CNTRL TIM2 counter low 0x00 00 530C0x TIM2_PSCR TIM2 prescaler register 0x00 0x00 530D TIM2_ARRH TIM2 auto-reload register high 0xFF 0x00 530E TIM2_ARRL TIM2 auto-reload register low 0xFF 0x00 530F TIM2_CCR1H TIM2 capture/compare register 1 high 0x00 0x00 5310 TIM2_CCR1L TIM2 capture/compare register 1 low 0x00 0x00 5311 TIM2_CCR2H TIM2 capture/compare reg. 2 high 0x00 0x00 5312 TIM2_CCR2L TIM2 capture/compare register 2 low 0x00 0x00 5313 TIM2_CCR3H TIM2 capture/compare register 3 high 0x00 Table 13. General hardware register map (continued) Address Block Register label Register name Reset status |