công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ256GP710IPT bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện DSPIC33FJ256GP710IPT
Giải thích chi tiết về linh kiện  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710IPT bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button DSPIC33FJ256GP710IPT Datasheet HTML 11Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 12Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 13Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 14Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 15Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 16Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 17Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 18Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 13
dsPIC33F
3.4
DSP Engine
The DSP engine consists of a high-speed, single-
cycle, 17-bit x 17-bit multiplier, a barrel shifter and a
40-bit adder/subtractor with two target accumulators,
round and saturation logic, all of which enable efficient
execution
of
computationally
intensive
DSP
algorithms. The 17-bit x 17-bit multiplier is also utilized
for MCU-based multiply instructions.
The DSP engine also has the capability to perform
inherent accumulator-to-accumulator operations, which
require no additional data. These instructions are ADD,
SUB
and NEG. This feature greatly simplifies basic
arithmetic operations on 32-bit or 40-bit data.
A block diagram of the DSP engine is shown in
Figure 3-4.
3.4.1
17 x 17-BIT MULTIPLIER
The 17 x 17-bit multiplier is capable of signed or
unsigned operation. It can suitably scale its output to
support either 1.31 fractional (Q31) or 32-bit integer
results, thereby diminishing the need to manually
post-process multiplication results for fractional data.
3.4.2
40-BIT ACCUMULATORS
The data accumulators have a 40-bit adder/subtractor
with automatic sign extension logic. It can select one of
two accumulators (A or B) as its pre-accumulation
source and post-accumulation destination. For the ADD
and LAC instructions, the data to be accumulated or
loaded can be optionally scaled via the barrel shifter
prior to accumulation.
The adder/subtractor generates overflow status bits,
SA/SB and OA/OB, which are latched and reflected in
the Status register and can also optionally generate an
arithmetic error trap:
• Overflow from bit 39. This is a catastrophic
overflow in which the sign of the accumulator is
destroyed.
• Overflow into guard bits 32 through 39. This is a
recoverable overflow. This bit (OA/OB) is set
whenever all the guard bits are not identical to
each other.
3.4.3
SATURATION AND OVERFLOW
The adder has an additional saturation block that
controls accumulator data saturation, if selected. It
uses the result of the adder, the overflow status bits
described above and the user-configured control bits to
determine when to saturate and to what value to
saturate (a 40-bit or a 32-bit value).
In addition to adder/subtractor saturation, writes to data
space can also be saturated, but without affecting the
contents of the source accumulator.
The rounding logic performs a conventional (biased) or
convergent (unbiased) data rounding function during
an accumulator write (store). The Round mode is user-
selectable. Rounding generates a 16-bit, 1.15 data
value, which is passed to the data space write
saturation logic. Data space write saturation ensures
that the data in the accumulator is written back
accurately even when rounding is performed. If
rounding is not indicated by the instruction, a truncated
1.15 data value is stored and the least significant word
is simply discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com