công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ256GP710IPT bảng dữ liệu(PDF) 67 Page - Microchip Technology

tên linh kiện DSPIC33FJ256GP710IPT
Giải thích chi tiết về linh kiện  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710IPT bảng dữ liệu(HTML) 67 Page - Microchip Technology

Back Button DSPIC33FJ256GP710IPT Datasheet HTML 63Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 64Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 65Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 66Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 67Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 68Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 69Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 70Page - Microchip Technology DSPIC33FJ256GP710IPT Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 65
dsPIC33F
Pin Diagrams (Continued)
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
65
64
63
62
61
60
59
56
17
18
19
21
22
1
72
71
70
69
68
67
66
75
74
73
58
57
24
23
25
55
54
53
52
51
EMUD1/SOSCI/CN1/RC13
EMUC2/OC1/RD0
IC3/RD10
IC2/RD9
IC1/RD8
IC4/RD11
SDA2/RA3
SCL2/RA2
OSC2/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
EMUC3/SCK1/INT0/RF6
SDI1/RF7
SDO1/RF8
SDA1/RG3
U1RX/RF2
EMUD3/U1TX/RF3
VSS
EMUC1/SOSCO/T1CK/CN0/RC14
AN29/RE5
AN30/RE6
AN31/RE7
AN16/T2CK/T7CK/RC1
AN17/T3CK/T6CK/RC2
AN18/T4CK/T9CK/RC3
AN19/T5CK/T8CK/RC4
SCK2/CN8/RG6
VDD
RA0
AN20/INT1/RA12
AN21/INT2/RA13
AN5/CN7/RB5
AN4/CN6/RB4
AN3/CN5/RB3
AN2/SS1/LVDIN/CN4/RB2
SDI2/CN9/RG7
SDO2/CN10/RG8
PGC/EMUC/AN1/CN3/RB1
PGD/EMUD/AN0/CN2/RB0
COFS/RG15
VDD
SS2/CN11/RG9
MCLR
RA5
INT4/RA15
INT3/RA14
VSS
VSS
RA4
100-Pin TQFP
dsPIC33FJ256GP710*
*Device is marked with ‘PS’ designator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90