công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F883-ESSSQTP bảng dữ liệu(PDF) 46 Page - Microchip Technology

tên linh kiện PIC16F883-ESSSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSSQTP bảng dữ liệu(HTML) 46 Page - Microchip Technology

Back Button PIC16F883-ESSSQTP Datasheet HTML 42Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 43Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 44Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 45Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 46Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 47Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 48Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 49Page - Microchip Technology PIC16F883-ESSSQTP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 338 page
background image
PIC16F882/883/884/886/887
DS41291G-page 46
 2006-2012 Microchip Technology Inc.
3.2.3.4
RA3/AN3/VREF+/C1IN+
Figure 3-4 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose input
• an analog input for the ADC
• a positive voltage reference input for the ADC and
CVREF
• a positive analog input to Comparator C1
FIGURE 3-4:
BLOCK DIAGRAM OF RA3
3.2.3.5
RA4/T0CKI/C1OUT
Figure 3-5 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a clock input for Timer0
• a digital output from Comparator C1
FIGURE 3-5:
BLOCK DIAGRAM OF RA4
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Analog(1)
Input Mode
Data Bus
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
Note 1:
ANSEL determines Analog Input mode.
To Comparator (VREF+)
To Comparator (positive input)
To A/D Converter (VREF+)
To A/D Converter (analog channel)
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
0
1
C1OUT
C1OUT
Enable
To Timer0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More